Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC779 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 63Page - NXP Semiconductors P87LPC779 Datasheet HTML 64Page - NXP Semiconductors P87LPC779 Datasheet HTML 65Page - NXP Semiconductors P87LPC779 Datasheet HTML 66Page - NXP Semiconductors P87LPC779 Datasheet HTML 67Page - NXP Semiconductors P87LPC779 Datasheet HTML 68Page - NXP Semiconductors P87LPC779 Datasheet HTML 69Page - NXP Semiconductors P87LPC779 Datasheet HTML 70Page - NXP Semiconductors P87LPC779 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
67 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Conditions: VSS =0V; VDD = 5.12 V.
[2]
The A/D is monotonic, there are no missing codes.
[3]
The differential non-linearity (DLe) is the difference between the actual step width and the ideal step width. See Figure 28.
[4]
The integral non-linearity (ILe) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 28.
[5]
The offset error (OSe) is the absolute difference between the straight line which fits the actual transfer curve (after removing gain error),
and the straight line which fits the ideal transfer curve. See Figure 28.
[6]
The gain error (Ge) is the relative difference in percent between the straight line fitting the actual transfer curve (after removing offset
error), and the straight line which fits the ideal transfer curve. Gain error is constant at every point on the transfer curve. See Figure 28.
[7]
The absolute voltage error (Ae) is the maximum difference between the center of the steps of the actual transfer curve of the
non-calibrated ADC and the ideal transfer curve.
[8]
This should be considered when both analog and digital signals are input simultaneously to A/D pins.
[9]
Changing the input voltage faster than this may cause erroneous readings.
[10] A source impedance higher than this driving an A/D input may result in loss of precision and erroneous readings.
Table 56:
A/D converter DC electrical characteristics
VDD = 2.7 V to 5.5 V unless otherwise specified.
Tamb = −40 °C to +85 °C for extended industrial, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
AVIN
Analog input voltage
VSS − 0.2
VDD + 0.2
V
CIA
Analog input capacitance
-
15
pF
DLe
Differential non-linearity[1][2][3]
-
±1
LSB
ILe
Integral non-linearity[1][4]
-
±1
LSB
OSe
Offset error[1][5]
-
±1
LSB
Ge
Gain error[1][6]
-
±0.4
%
Ae
Absolute voltage error[1][7]
-
±1
LSB
MCTC
Channel-to-channel matching
-
±1
LSB
Ct
Crosstalk between inputs of port[8]
0 to 100 kHz
-
−60
dB
-
Input slew rate
-
100
V/ms
-
Input source impedance
-
10
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com