Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5013 Datasheet(PDF) 17 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 17 Page - ams AG

Back Button AS5013 Datasheet HTML 13Page - ams AG AS5013 Datasheet HTML 14Page - ams AG AS5013 Datasheet HTML 15Page - ams AG AS5013 Datasheet HTML 16Page - ams AG AS5013 Datasheet HTML 17Page - ams AG AS5013 Datasheet HTML 18Page - ams AG AS5013 Datasheet HTML 19Page - ams AG AS5013 Datasheet HTML 20Page - ams AG AS5013 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
ams Datasheet
Page 17
[v2-00] 2021-Apr-19
Document Feedback
AS5013 − Detailed Description
The AS5013 operates as a slave on the I²C bus. Connections to
the bus are made through the open-drain I/O lines SDA and the
input SCL. Clock stretching is not included.
Automatic Increment of Address Pointer
The AS5013 slave automatically increments the address pointer
after each byte transferred. The increase of the address pointer
is independent from the address being valid or not.
Invalid Addresses
If the user sets the address pointer to an invalid address, the
address byte is not acknowledged. Nevertheless a read or write
cycle is possible. The address pointer is increased after each
byte.
Reading
When reading from a wrong address, the AS5013 slave data
returns all zero. The address pointer is increased after each byte.
Sequential read over the whole address range is possible
including address overflow.
Writing
A write to a wrong address is not acknowledged by the AS5013
slave, although the address pointer is increased. When the
address pointer points to a valid address again, a successful
write access is acknowledged. Page write over the whole
address range is possible including address overflow.
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus is not
busy.
• During data transfer, the data line must remain stable
whenever the clock line is HIGH. Changes in the data line
while the clock line is HIGH are interpreted as start or stop
signals.
Accordingly, the following bus conditions have been defined:
Bus Not Busy:
Both data and clock lines remain HIGH.
Start Data Transfer:
A change in the state of the data line, from HIGH to LOW, while
the clock is HIGH, defines a START condition.
Stop Data Transfer:
A change in the state of the data line, from LOW to HIGH, while
the clock line is HIGH, defines the STOP condition.
Data Valid:
The state of the data line represents valid data when, after a
START condition, the data line is stable for the duration of the
HIGH period of the clock signal. The data on the line must be
changed during the LOW period of the clock signal. There is one
clock pulse per bit of data. Each data transfer is initiated with a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com