Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5013 Datasheet(PDF) 18 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 18 Page - ams AG

Back Button AS5013 Datasheet HTML 14Page - ams AG AS5013 Datasheet HTML 15Page - ams AG AS5013 Datasheet HTML 16Page - ams AG AS5013 Datasheet HTML 17Page - ams AG AS5013 Datasheet HTML 18Page - ams AG AS5013 Datasheet HTML 19Page - ams AG AS5013 Datasheet HTML 20Page - ams AG AS5013 Datasheet HTML 21Page - ams AG AS5013 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Page 18
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − Detailed Description
START condition and terminated with a STOP condition. The
number of data bytes transferred between START and STOP
conditions are not limited, and are determined by the master
device. The information is transferred byte-wise and each
receiver acknowledges with a ninth bit.
Acknowledge:
Each receiving device, when addressed, is obliged to generate
an acknowledge after the reception of each byte. The master
device must generate an extra clock pulse that is associated
with this acknowledge bit.
A device that acknowledges must pull down the SDA line during
the acknowledge clock pulse in such a way that the SDA line is
stable LOW during the HIGH period of the acknowledge-related
clock pulse. Of course, setup and hold times must be taken into
account. A master must signal an end of READ access to the
slave by not generating an acknowledge bit on the last byte
that has been clocked out of the slave. In this case, the slave
must leave the data line HIGH to enable the master to generate
the STOP condition.
Figure 17:
Data Read (Write Pointer, Then Read) - Slave Receive and Transmit
Depending upon the state of the R/W bit, two types of data
transfer are possible:
• Data transfer from a master transmitter to a slave
receiver: The first byte transmitted by the master is the
slave address, followed by R/W = 0. Next follows a number
of data bytes. The slave returns an acknowledge bit after
each received byte. If the slave does not understand the
command or data it sends a “not acknowledge”. Data is
transferred with the most significant bit (MSB) first.
• Data transfer from a slave transmitter to a master
receiver: The master transmits the first byte (the slave
address). The slave then returns an acknowledge bit,
followed by the slave transmitting a number of data bytes.
The master returns an acknowledge bit after all received
bytes other than the last byte. At the end of the last
received byte, a “not acknowledge” is returned. The
master device generates all of the serial clock pulses and
1
1
9
8
7
6
29
8
7
SDA
SCL
Start
Condition
Stop Condition or
Repeated Start Condition
MSB
R/W ACK
LSB
ACK
Slave Address
Repeated if more Bytes are transferred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com