Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5013 Datasheet(PDF) 30 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 30 Page - ams AG

Back Button AS5013 Datasheet HTML 26Page - ams AG AS5013 Datasheet HTML 27Page - ams AG AS5013 Datasheet HTML 28Page - ams AG AS5013 Datasheet HTML 29Page - ams AG AS5013 Datasheet HTML 30Page - ams AG AS5013 Datasheet HTML 31Page - ams AG AS5013 Datasheet HTML 32Page - ams AG AS5013 Datasheet HTML 33Page - ams AG AS5013 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
Page 30
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − I²C Registers
Figure 34:
T_ctrl Register (2Dh)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
T_ctrl[7]
T_ctrl[6]
T_ctrl[5]
T_ctrl[4]
T_ctrl[3]
T_ctrl[2]
T_ctrl[1]
T_ctrl[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value: 0000 1001 (09h)
Bit
Bit Description
7:0
Scaling control register.
This register controls the scaling factor of the XY coordinates to fit to the 8-bit X and Y_res_int
register (full dynamic range). The following table includes scaling factors referenced to the
default setting T_ctrl = 9 (100% scaling).
T_ctrl
Scaling Factor %
T_ctrl
Scaling Factor %
31
31.3
47
117.6
30
32.2
7
125.0
29
33.4
45
133.4
28
34.6
6
142.8
27
35.7
43
153.9
26
37.1
5
166.6
25
38.5
41
181.8
24
40.0
4
200.0
23
41.6
79
210.5
22
43.6
39
222.3
21
45.5
77
235.4
20
47.7
3
250.0
19
50.0
75
266.6
18
52.5
37
285.7
17
55.5
73
307.6
16
58.8
2
333.4
15
62.5
71
363.7
14
66.6
35
400.0
13
71.5
69
444.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com