Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5013 Datasheet(PDF) 27 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 27 Page - ams AG

Back Button AS5013 Datasheet HTML 23Page - ams AG AS5013 Datasheet HTML 24Page - ams AG AS5013 Datasheet HTML 25Page - ams AG AS5013 Datasheet HTML 26Page - ams AG AS5013 Datasheet HTML 27Page - ams AG AS5013 Datasheet HTML 28Page - ams AG AS5013 Datasheet HTML 29Page - ams AG AS5013 Datasheet HTML 30Page - ams AG AS5013 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
ams Datasheet
Page 27
[v2-00] 2021-Apr-19
Document Feedback
AS5013 − I²C Registers
Figure 27:
Y_res_int Register (11h)
Figure 28:
Xp Register (12h)
Figure 29:
Xn Register (13h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Y[7]
Y[6]
Y[5]
Y[4]
Y[3]
Y[2]
Y[1]
Y[0]
R
R
R
R
RRRR
Reset value: 0000 0000
Bit
Bit Description
7:0
Y coordinate, Two’s complement format (signed -128 ~ +127).
Reading this register will reset the INTn output to Hi-Z after the ACK bit of Y_res_int register
readback.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Xp[7]
Xp[6]
Xp[5]
Xp[4]
Xp[3]
Xp[2]
Xp[1]
Xp[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value: 0000 0101 (5d)
Bit
Bit Description
7:0
Xp range value, Two’s complement (signed: -128 ~ +127).
Determines the LEFT threshold for the activation of INTn output (if output enabled), when bit
INT_function = 1 (See Figure 23).
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Xn[7]
Xn[6]
Xn[5]
Xn[4]
Xn[3]
Xn[2]
Xn[1]
Xn[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value: 1111 1011 (-5d)
Bit
Bit Description
7:0
Xn range value, Two’s complement (signed: -128 ~ +127).
Determines the RIGHT threshold for the activation of INTn output (if output enabled), when bit
INT_function = 1 (See Figure 23).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com