Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5013 Datasheet(PDF) 21 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 21 Page - ams AG

Back Button AS5013 Datasheet HTML 17Page - ams AG AS5013 Datasheet HTML 18Page - ams AG AS5013 Datasheet HTML 19Page - ams AG AS5013 Datasheet HTML 20Page - ams AG AS5013 Datasheet HTML 21Page - ams AG AS5013 Datasheet HTML 22Page - ams AG AS5013 Datasheet HTML 23Page - ams AG AS5013 Datasheet HTML 24Page - ams AG AS5013 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
ams Datasheet
Page 21
[v2-00] 2021-Apr-19
Document Feedback
AS5013 − Detailed Description
High Speed Mode
The AS5013 is capable to work in HS-mode.
For switching to HS-mode the Master has to send the sequence:
START, MASTER CODE, NACK. This sequence is sent in FS-mode.
As no device is allowed to acknowledge the master code, the
master code is followed by a not-acknowledge. After a device
receives the master code it has to switch from FS-settings to
HS-settings within tSU.STA which is 160ns for HS-mode. The
device stays in HS-mode as long as it does not receive a STOP
command. After receiving a STOP command it has to switch
back form HS-settings to FS-settings, which has to be competed
within the minimum bus free time tBUF which is 500ns.
When switching to HS-mode the slave has to:
• Adapt the SDAH and SCLH input filters according to the
spike suppression requirement required in HS-mode. In
HS-mode spikes up to 10ns, in FS-mode spikes up to 50ns
have to be suppressed.
• Adapt the setup and hold times according to the HS-mode
requirement. In HS-mode an internal hold time for SDA for
START/STOP detection of 80ns (max. 150ns), in FS-mode
an internal hold time of 160ns (max. 250ns) has to be
provided.
• Adapt the slope control for SDAH output stage.
Figure 21:
Data Transfer Format in HS-Mode
S
Master code
NA Sr
Slave Address R/W
DATA
A/
NA
Slave Address
Sr
F/S mode
Hs mode (current source for SCLH enabled)
P
A
F/S mode
Hs mode continues
< n bytes + ack >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com