Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5013 Datasheet(PDF) 38 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 38 Page - ams AG

Back Button AS5013 Datasheet HTML 34Page - ams AG AS5013 Datasheet HTML 35Page - ams AG AS5013 Datasheet HTML 36Page - ams AG AS5013 Datasheet HTML 37Page - ams AG AS5013 Datasheet HTML 38Page - ams AG AS5013 Datasheet HTML 39Page - ams AG AS5013 Datasheet HTML 40Page - ams AG AS5013 Datasheet HTML 41Page - ams AG AS5013 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
Page 38
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − I²C Registers
c1_pos
<11:8>
4R
24h
two’s
comp.
00h
<3:0>
<7:4>
Voltage @ channel 1,
positive current
spinning
Sign extended to
8-bit
c1_pos
<7:0>
8R
25h
two’s
comp.
00h
<7:0>
Voltage @ channel 1,
positive current
spinning
c5_neg
<11:8>
4R
26h
two’s
comp.
00h
<3:0>
<7:4>
Voltage @ channel 5,
negative current
spinning
Sign extended to
8-bit
c5_neg
<7:0>
8R
27h
two’s
comp.
00h
<7:0>
Voltage @ channel 5,
negative current
spinning
c5_pos
<11:8>
4R
28h
two’s
comp.
00h
<3:0>
<7:4>
Voltage @ channel 5,
positive current
spinning
Sign extended to
8-bit
c5_pos
<7:0>
8R
29h
two’s
comp.
00h
<7:0>
Voltage @ channel 5,
positive current
spinning
Hall Bias Currents
AGC
8
RW
2Ah
00b
20h
<7:6>
<5:0>
Not implemented
(read 00b)
6-bit AGC value (if
an AGC algorithm
implemented in the
μC)
Register
Number
of Bits
Access
Address
Format
Reset
Value
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com