Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5013 Datasheet(PDF) 50 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 50 Page - ams AG

Back Button AS5013 Datasheet HTML 42Page - ams AG AS5013 Datasheet HTML 43Page - ams AG AS5013 Datasheet HTML 44Page - ams AG AS5013 Datasheet HTML 45Page - ams AG AS5013 Datasheet HTML 46Page - ams AG AS5013 Datasheet HTML 47Page - ams AG AS5013 Datasheet HTML 48Page - ams AG AS5013 Datasheet HTML 49Page - ams AG AS5013 Datasheet HTML 50Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 50 / 50 page
background image
Page 50
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − Content Guide
1
General Description
1
Key Benefits & Features
2
Applications
2
Block Diagram
3
Pin Assignments
5Absolute Maximum Ratings
6
Electrical Characteristics
6
Operating Conditions
7
Digital IO pads DC/AC Characteristics
9
Detailed Description
9
Operating the AS5013
9
Typical Application
10
XY Coordinates Interpretation
11
Transfer Function
12
Power Modes
12
START-UP
12
MEASURE
12
SET INTERRUPT
12
WAIT
13
I²C Interface
14
I²C Electrical Specification
16
I²C Modes
17
Automatic Increment of Address Pointer
17
Invalid Addresses
17
Reading
17
Writing
21
High Speed Mode
22
Automatic Increment of Address Pointer
22
Invalid Addresses
23
SDA, SCL Input Filters
24
I²C Registers
33
Hall Element Direct Read Registers (16h to 29h)
33
Power ON
34
Registers Initialization
35
Registers Table
40
Package Drawings & Markings
42
Mechanical Data
42
Recommended Footprint
43
Recommended Mounting
45
Ordering & Contact Information
46
RoHS Compliant & ams Green Statement
47
Copyrights & Disclaimer
48
Document Status
49
Revision Information
Content Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com