Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL1507SHN Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ASL1507SHN
Description  Single-phase and two-phase boost converter with limp-home mode
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL1507SHN Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ASL1507SHN Datasheet HTML 17Page - NXP Semiconductors ASL1507SHN Datasheet HTML 18Page - NXP Semiconductors ASL1507SHN Datasheet HTML 19Page - NXP Semiconductors ASL1507SHN Datasheet HTML 20Page - NXP Semiconductors ASL1507SHN Datasheet HTML 21Page - NXP Semiconductors ASL1507SHN Datasheet HTML 22Page - NXP Semiconductors ASL1507SHN Datasheet HTML 23Page - NXP Semiconductors ASL1507SHN Datasheet HTML 24Page - NXP Semiconductors ASL1507SHN Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
NXP Semiconductors
ASL1507SHN; ASL2507SHN
Single-phase and two-phase boost converter with limp-home mode
ASL1507_ASL2507
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 26 April 2018
21 / 56
8.5 Coil peak current limitation
The ASL1507SHN; ASL2507SHN offers a function to limit peak current inside the coil
and therefore to limit the input current for the system. Furthermore, this functionality can
be used to avoid magnetic saturation of the coils. It also allows some soft start feature to
be realized with this function.
With the maximum phase current VOx register, the maximum peak current for the
phase can be configured. Once the voltage between pins SNLx and SNHx achieves
maximum level, the gate will be turned off until the next switching cycle. To avoid
subharmonic oscillations when the coil peak current limitation is becoming active, the
slope compensation remains active. It reduces the coil peak current toward the end of the
switching cycle to ensure stable operation of the system.
In order to avoid that this function interferes with the normal regulation, the limit should
be placed well above the maximum expected current.
Table 31. Maximum coil current VO1 register (address 07h)
Bit
Symbol
Description
Value
Function
00h
no current allowed
...
maximum peak current = (IMAX1[7:0] × 1.8 V / 256 − 0.24 V) / Rsense
80h
maximum allowed setting = (128 / 255 × 1.8 V − 0.24 V) / Rsense
...
not allowed
7 to 0 IMAX1[7:0]
coil current
limitation
assigned to VO1
FFh
not allowed
Table 32. Maximum coil current VO2 register (address 08h)
Bit
Symbol
Description
Value
Function
00h
no current allowed
...
maximum peak current = (IMAX2[7:0] × 1.8 V / 256 − 0.24 V) / Rsense
80h
maximum allowed setting = (128 / 255 × 1.8 V − 0.24 V) / Rsense
...
not allowed
7 to 0 IMAX2[7:0]
coil current
limitation
assigned to VO2
FFh
not allowed
8.6 Enabling the output voltage
The ASL1507SHN; ASL2507SHN provides two independent output voltages. In
operation mode, the output voltages are turned on with the bit VO1EN and VO2EN.
As soon as one of the outputs is turned on, the VGG voltage regulator is turned on. After
tstartup the gate drivers start switching, provided the bit VGG_OK is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com