Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL1507SHN Datasheet(PDF) 36 Page - NXP Semiconductors

Part # ASL1507SHN
Description  Single-phase and two-phase boost converter with limp-home mode
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL1507SHN Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button ASL1507SHN Datasheet HTML 32Page - NXP Semiconductors ASL1507SHN Datasheet HTML 33Page - NXP Semiconductors ASL1507SHN Datasheet HTML 34Page - NXP Semiconductors ASL1507SHN Datasheet HTML 35Page - NXP Semiconductors ASL1507SHN Datasheet HTML 36Page - NXP Semiconductors ASL1507SHN Datasheet HTML 37Page - NXP Semiconductors ASL1507SHN Datasheet HTML 38Page - NXP Semiconductors ASL1507SHN Datasheet HTML 39Page - NXP Semiconductors ASL1507SHN Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
NXP Semiconductors
ASL1507SHN; ASL2507SHN
Single-phase and two-phase boost converter with limp-home mode
ASL1507_ASL2507
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 26 April 2018
36 / 56
8.14 Autonomous mode
Autonomous mode enables the chip to load the configuration from NVM and start
conversion as soon as EN is HIGH without waiting for SPI configuration from MCU or
detection of SPI communication timeout.
aaa-029702
operation
reset
operation mode
enable
LOW
HIGH
VO1 and VO2
VO1 and VO2 as set in NVM
Figure 12. Autonomous mode operation
Table 49. Comparison of limp-home mode and autonomous mode
Mode
Condition
IC operation
SPI
Exit
Limp-home
the watchdog
timer detects
an SPI
communication
error
the state machine goes through
power-down sequence and then
copies the NVM configuration to
the SPI registers to resume the
operation but with the NVM setting
only access to the
limp‑home
mode control register
microcontroller
has to write the
unlock pattern to
the register
Autonomous if bit AUTO is set
to logic 1 in NVM
the state machine copies the
required settings from NVM into
the SPI registers along with the
CFG_DN bit to start the converter
microcontroller less operation,
default no SPI communication
needed, if auto and
limp‑home
are enabled at the same time,
startup in autonomous mode
power down,
reset the bit
AUTO
8.14.1 Limp-home mode/autonomous mode NVM
Table 50 summarizes the NVM programming options for both limp-home and
autonomous modes.
Table 50. NVM programming options
NVM address 00h
Feature
LIMP_DIS = 1; AUTO = 0
no limp-home and no autonomous
LIMP_DIS = 0; AUTO = 0
limp-home mode enabled (in case of
limp‑home timeout, the system applies settings
from NVM)
LIMP_DIS = 1; AUTO = 1
autonomous mode enabled
LIMP_DIS = 0; AUTO = 1
startup immediately with autonomous mode; limp-home mode enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com