Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL1507SHN Datasheet(PDF) 33 Page - NXP Semiconductors

Part # ASL1507SHN
Description  Single-phase and two-phase boost converter with limp-home mode
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL1507SHN Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button ASL1507SHN Datasheet HTML 29Page - NXP Semiconductors ASL1507SHN Datasheet HTML 30Page - NXP Semiconductors ASL1507SHN Datasheet HTML 31Page - NXP Semiconductors ASL1507SHN Datasheet HTML 32Page - NXP Semiconductors ASL1507SHN Datasheet HTML 33Page - NXP Semiconductors ASL1507SHN Datasheet HTML 34Page - NXP Semiconductors ASL1507SHN Datasheet HTML 35Page - NXP Semiconductors ASL1507SHN Datasheet HTML 36Page - NXP Semiconductors ASL1507SHN Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
NXP Semiconductors
ASL1507SHN; ASL2507SHN
Single-phase and two-phase boost converter with limp-home mode
ASL1507_ASL2507
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 26 April 2018
33 / 56
8.13.2 NVM read sequence
To read an NVM register, the device must be in NVM access mode. The following
sequence should be used.
1. Check that the ASL1507SHN; ASL2507SHN is in configuration mode (register 56h
shows binary 0010 0XXXb) and limp-home mode is not active (register 54h shows
binary XXXX X0XXb).
2. Enter NVM access mode by setting register 3Ah to 04h.
3. Confirm that the ASL1507SHN; ASL2507SHN is in NVM access mode (register 56h
shows binary 1101 1XXXb).
4. Write target NVM address to NVM address register (register 36h is target register).
5. Ensure that the NVM is ready (register 55h shows binary XXXX XXX1b).
6. Initiate NVM read:
• Write register 3Ah with XXXX 0100b.
• Write register 3Ah with XXXX 0101b.
7. Wait until NVM access is completed (register 55h shows binary XXXX XXX1b).
8. Data from the NVM is now available in NVM data read register 59h for
NVM_DATA[15:8] and register 5Ah for NVM_DATA[7:0].
9. If further NVM access is required, start at step four of the read or write sequence.
10.Exit NVM access mode by setting register 3Ah to 08h.
11.NVM access complete; for reset set pin EN = LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com