Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL1507SHN Datasheet(PDF) 24 Page - NXP Semiconductors

Part # ASL1507SHN
Description  Single-phase and two-phase boost converter with limp-home mode
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL1507SHN Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button ASL1507SHN Datasheet HTML 20Page - NXP Semiconductors ASL1507SHN Datasheet HTML 21Page - NXP Semiconductors ASL1507SHN Datasheet HTML 22Page - NXP Semiconductors ASL1507SHN Datasheet HTML 23Page - NXP Semiconductors ASL1507SHN Datasheet HTML 24Page - NXP Semiconductors ASL1507SHN Datasheet HTML 25Page - NXP Semiconductors ASL1507SHN Datasheet HTML 26Page - NXP Semiconductors ASL1507SHN Datasheet HTML 27Page - NXP Semiconductors ASL1507SHN Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
NXP Semiconductors
ASL1507SHN; ASL2507SHN
Single-phase and two-phase boost converter with limp-home mode
ASL1507_ASL2507
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 26 April 2018
24 / 56
8.8.2 Undervoltage detection
The ASL1507SHN; ASL2507SHN offers a variable undervoltage detection threshold.
When the supply voltage drops below this threshold, the undervoltage detect bit is set
and the gate pin stops toggling and no more power is delivered to the output.
Table 37. Undervoltage threshold register (address 1Bh)
Bit
Symbol
Description
Value
Function
00h
undervoltage detection threshold = 0 V
...
undervoltage detection threshold = 0.3606 V × V_VBAT_UV[7:0]
7 to 0 V_VBAT_UV[7:0] undervoltage
detection threshold
FFh
maximum undervoltage detection threshold = 90 V
8.8.3 Overvoltage detection
The ASL1507SHN; ASL2507SHN offers a variable overvoltage detection threshold.
When the supply voltage rises above this threshold, the overvoltage detect bit is set and
fail silent mode is entered. The gate pin stops toggling and no power is delivered to the
output.
Table 38. Overvoltage threshold register (address 1Ah)
Bit
Symbol
Description
Value
Function
00h
overvoltage detection threshold = 0 V
...
overvoltage detection threshold = 0.3606 V × V_VBAT_OV[7:0]
7 to 0 V_VBAT_OV[7:0] overvoltage
detection threshold
FFh
maximum overvoltage detection threshold = 90 V
8.9 Junction temperature information
The ASL1507SHN; ASL2507SHN provides a measurement of the IC junction
temperature. The measurement information is available in the junction temperature
register.
Table 39. Junction temperature register (address 46h)
Bit
Symbol
Description
Value
Function
00h to 17h
device junction temperature below −40 °C
18h
device junction temperature = −40 °C
...
device junction temperature
= T_JUNCTION[7:0] × (215 / 106) °C − 88 °C
82h
device junction temperature = 175 °C
7 to 0 T_JUNCTION[7:0]
junction temperature
83h to FFh
device junction temperature above 175 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com