Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL1507SHN Datasheet(PDF) 28 Page - NXP Semiconductors

Part # ASL1507SHN
Description  Single-phase and two-phase boost converter with limp-home mode
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL1507SHN Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button ASL1507SHN Datasheet HTML 24Page - NXP Semiconductors ASL1507SHN Datasheet HTML 25Page - NXP Semiconductors ASL1507SHN Datasheet HTML 26Page - NXP Semiconductors ASL1507SHN Datasheet HTML 27Page - NXP Semiconductors ASL1507SHN Datasheet HTML 28Page - NXP Semiconductors ASL1507SHN Datasheet HTML 29Page - NXP Semiconductors ASL1507SHN Datasheet HTML 30Page - NXP Semiconductors ASL1507SHN Datasheet HTML 31Page - NXP Semiconductors ASL1507SHN Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
NXP Semiconductors
ASL1507SHN; ASL2507SHN
Single-phase and two-phase boost converter with limp-home mode
ASL1507_ASL2507
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 26 April 2018
28 / 56
8.12.2 Limp-home mode operation
Once the system enters to limp-home mode, the ASL1507SHN; ASL2507SHN
switches to the configuration as defined in the NVM memory for limp-home mode. The
ASL1507SHN; ASL2507SHN modifies the control registers accordingly.
During limp-home mode operation, the SPI interface remains functional, but only the
limp-home mode control register can be written. The other registers offer only read
access.
aaa-029699
operation
limp-home mode
reset or configuration
operation mode
LHM timer refresh
VO1 and VO2
VO1 and VO2 as set via SPI
LH_TIMER
VO1 and VO2 as set in NVM
Figure 9. Limp-home mode startup
8.12.3 Limp-home mode deactivation
To deactivate limp-home mode, a dedicated limp-home mode deactivation sequence
must be written to the limp-home mode control register (address 3Ch).
Table 42. Limp-home mode deactivation sequence
Deactivation step
Data to LIMP_EXIT[2:0]
Step 1
001
Step 2
010
Step 3
100
Limp-home refresh
111
Once the deactivation sequence is completed, the ASL1507SHN; ASL2507SHN
immediately starts to react on SPI communication. The registers remain as set for
the limp-home mode. Once the system is back to operation mode, all registers are
accessible as defined for operation mode again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com