Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 56Page - STMicroelectronics ST25DV04K Datasheet HTML 57Page - STMicroelectronics ST25DV04K Datasheet HTML 58Page - STMicroelectronics ST25DV04K Datasheet HTML 59Page - STMicroelectronics ST25DV04K Datasheet HTML 60Page - STMicroelectronics ST25DV04K Datasheet HTML 61Page - STMicroelectronics ST25DV04K Datasheet HTML 62Page - STMicroelectronics ST25DV04K Datasheet HTML 63Page - STMicroelectronics ST25DV04K Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 200 page
background image
•
RF write access to system configuration static registers can be locked by writing 01h in the LOCK_CFG
register (by RF or I2C).
•
RF user cannot unlock system configuration if LOCK_CFG=01h, even after opening RF configuration
security session (only I2C host can unlock system configuration).
•
When system configuration is locked (LOCK_CFG=01h), it is still possible to change RF passwords (0 to 3).
Device identification registers:
•
AFI and DFSID registers can be independently locked by RF user, issuing respectively a Lock AFI and a
Lock DSFID command. Lock is definitive: once locked, AFI and DSFID registers cannot be unlocked (either
by RF or I2C). System configuration locking mechanism (LOCK_CFG=01h) does not lock AFI and DSFID
registers.
•
Other device identification registers (MEM_SIZE, BLK_SIZE, IC_REF, UID, IC_REV) are read only registers
for both RF and I2C.
5.7
Device Parameter Registers
Table 70. LOCK_DSFID access
RF
I2C
Command
Type
Address
Type
Lock DSFID (cmd code 2Ah)
WO if DSFID not locked
E2 = 1, 0010h
RO
Table 71. LOCK_DSFID
Bit
Name
Function
Factory Value
b0
LOCK_DSFID
0: DSFID is not locked
1: DSFID is locked
0b
b7-b1
RFU
-
0000000b
Note:
Refer to Table 11. System configuration memory map for the LOCK_DSFID register.
Table 72. LOCK_AFI access
RF
I2C
Command
Type
Address
Type
Lock AFI (cmd code 28h)
WO if AFI not locked
E2 = 1, 0011h
RO
Table 73. LOCK_AFI
Bit
Name
Function
Factory Value
b0
LOCK_AFI
0: AFI is not locked
1: AFI is locked
0b
b7-b1
RFU
-
0000000b
Note:
Refer to Table 11. System configuration memory map for the LOCK_AFI register.
ST25DV04K ST25DV16K ST25DV64K
Device Parameter Registers
DS10925 - Rev 9
page 60/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com