Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 80Page - STMicroelectronics ST25DV04K Datasheet HTML 81Page - STMicroelectronics ST25DV04K Datasheet HTML 82Page - STMicroelectronics ST25DV04K Datasheet HTML 83Page - STMicroelectronics ST25DV04K Datasheet HTML 84Page - STMicroelectronics ST25DV04K Datasheet HTML 85Page - STMicroelectronics ST25DV04K Datasheet HTML 86Page - STMicroelectronics ST25DV04K Datasheet HTML 87Page - STMicroelectronics ST25DV04K Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 200 page
background image
7.6.4
Inventory
Upon receiving the Inventory request, the ST25DVxxx runs the anticollision sequence. The Inventory_flag is set to
1. The meaning of flags 5 to 8 is shown in Table 96. Request flags 5 to 8 when inventory_flag, Bit 3 = 1.
The request contains:
•
the flags
•
the Inventory command code (001)
•
the AFI if the AFI flag is set
•
the mask length
•
the mask value if mask length is different from 0
•
the CRC
The ST25DVxxx does not generate any answer in case of error.
Table 102. Inventory request format
Request
SOF
Request_flags
Inventory
Optional AFI Mask length
Mask value
CRC16
Request
EOF
-
8 bits
01h
8 bits
8 bits
0 - 64 bits
16 bits
-
The response contains:
•
the flags
•
the Unique ID
Table 103. Inventory response format
Response SOF
Response_flags
DSFID
UID
CRC16
Response EOF
-
8 bits
8 bits
64 bits
16 bits
-
During an Inventory process, if the VCD does not receive an RF ST25DVxxx response, it waits for a time t3 before
sending an EOF to switch to the next slot. t3 starts from the rising edge of the request EOF sent by the VCD.
•
If the VCD sends a 100% modulated EOF, the minimum value of t3 is:
t3min = 4384/fC (323.3µs) + tSOF
•
If the VCD sends a 10% modulated EOF, the minimum value of t3 is:
t3min = 4384/fC (323.3µs) + tNRT + t2min
where:
•
tSOF is the time required by the ST25DVxxx to transmit an SOF to the VCD,
•
tNRT is the nominal response time of the ST25DVxxx.
tNRT and tSOF are dependent on the ST25DVxxx-to-VCD data rate and subcarrier modulation mode.
Note:
In case of error, no response is sent by ST25DVxxx.
7.6.5
Stay Quiet
On receiving the Stay Quiet command, the ST25DVxxx enters the Quiet state if no error occurs, and does NOT
send back a response. There is NO response to the Stay Quiet command even if an error occurs.
The Option_flag is not supported. The Inventory_flag must be set to 0.
When in the Quiet state:
•
the ST25DVxxx does not process any request if the Inventory_flag is set,
•
the ST25DVxxx processes any Addressed request.
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 84/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com