Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 24Page - STMicroelectronics ST25DV04K Datasheet HTML 25Page - STMicroelectronics ST25DV04K Datasheet HTML 26Page - STMicroelectronics ST25DV04K Datasheet HTML 27Page - STMicroelectronics ST25DV04K Datasheet HTML 28Page - STMicroelectronics ST25DV04K Datasheet HTML 29Page - STMicroelectronics ST25DV04K Datasheet HTML 30Page - STMicroelectronics ST25DV04K Datasheet HTML 31Page - STMicroelectronics ST25DV04K Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 200 page
background image
RF_USER:
GPO output level is controlled by Manage GPO command (set or reset)
When RF_USER is activated, GPO level is changed after EOF of ST25DV response to a Manage GPO set
or reset command (see Section 7.6.30 Manage GPO).
RF_USER is prevalent over all other GPO events when set by Manage GPO command (other interrupts are
still visible in IT_STS_Dyn status register, but do not change GPO output level).
Figure 12. RF_USER chronogram
2) VCD sends a ManageGPO command with value 01h (reset GPO) and ST25DV replies.
GPO/RF_USER is set high-Z low after ST25DV response.
S
O
F
E
O
F
4) VCD sends a ManageGPO command (any value) and ST25DV stays quiet (command not for this
VICC, or quiet state). GPO/RF_USER remains high-Z.
ManageGPO
command
GPO/RF_USER (OD)
GPO/RF_USER (OD)
S
O
F
ManageGPO
01h
command
E
O
F
1) VCD sends a ManageGPO command with value 00h (set GPO) and ST25DV replies.
GPO/RF_USER is tied low after ST25DV response.
t1
GPO/RF_USER (OD)
S
O
F
E
O
F
ST25DV
reply
S
O
F
ManageGPO
00h
command
E
O
F
3) VCD sends a ManageGPO command (any value) and ST25DV replies with error.
GPO/RF_USER remains high-Z.
GPO/RF_USER (OD)
S
O
F
ManageGPO
command
E
O
F
t1
S
O
F
E
O
F
ST25DV
reply
t1
S
O
F
E
O
F
ST25DV
reply
5) VCD sends any command other than ManageGPO command and ST25DV replies.
GPO/RF_USER remains high-Z.
GPO/RF_USER (OD)
S
O
F
Any other
command
E
O
F
t1/Wt
S
O
F
E
O
F
ST25DV
reply
ST25DV04K ST25DV16K ST25DV64K
GPO
DS10925 - Rev 9
page 28/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com