Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 82Page - STMicroelectronics ST25DV04K Datasheet HTML 83Page - STMicroelectronics ST25DV04K Datasheet HTML 84Page - STMicroelectronics ST25DV04K Datasheet HTML 85Page - STMicroelectronics ST25DV04K Datasheet HTML 86Page - STMicroelectronics ST25DV04K Datasheet HTML 87Page - STMicroelectronics ST25DV04K Datasheet HTML 88Page - STMicroelectronics ST25DV04K Datasheet HTML 89Page - STMicroelectronics ST25DV04K Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 200 page
background image
Table 107. Block security status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use.
All at 0.
0: Current block not locked
1: Current block locked
Table 108. Read Single Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set
–
03h: command option not supported
–
0Fh: error with no information
–
10h: the specified block is not available
–
15h: the specified block is read-protected
Figure 35. Read Single Block frame exchange between VCD and ST25DVxxx
SOF
Read Single Block
request
VCD
ST25DVxxx
EOF
SOF
Read Single Block
response
EOF
t1
7.6.7
Extended Read Single Block
On receiving the Extended Read Single Block command, the ST25DVxxx reads the requested block and sends
back its 32-bit value in the response.
When the Option_flag is set, the response includes the Block Security Status.
Block number is coded on 2 Bytes so all memory blocks of ST25DV16K-xx and
ST25DV64K-xx can be addressed using this command.
Table 109. Extended Read Single Block request format
Request SOF
Request_flags
Extended Read Single Block
UID (1)
Block number
CRC16
Request EOF
-
8 bits
30h
64 bits
16 bits
16 bits
-
1. This field is optional.
Request parameters:
•
Request flags
•
UID (optional)
•
Block number (from LSB byte to MSB byte)
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 86/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com