Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 21Page - STMicroelectronics ST25DV04K Datasheet HTML 22Page - STMicroelectronics ST25DV04K Datasheet HTML 23Page - STMicroelectronics ST25DV04K Datasheet HTML 24Page - STMicroelectronics ST25DV04K Datasheet HTML 25Page - STMicroelectronics ST25DV04K Datasheet HTML 26Page - STMicroelectronics ST25DV04K Datasheet HTML 27Page - STMicroelectronics ST25DV04K Datasheet HTML 28Page - STMicroelectronics ST25DV04K Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 200 page
background image
Figure 10. I2C to RF fast transfer mode operation
I2C host
ST25DV
Fast Transfer Mode mailbox
(256 Bytes)
Dynamic registers
MB_LEN_Dyn
MB_CRTL_Dyn
Static registers
MB_MODE
MB_WDG
ISO/IEC
15693 reader
I2C
GPO/RF_GET_MSG
Host message
1Mb/s
Up to
53kb/s
VCC supply source is mandatory to activate this feature.
No precedence rule is applied: the first request is served first.
Adding a message is only possible when fast transfer mode is enabled (MB_EN=1) and mailbox is free
(HOST_PUT_MSG and RF_PUT_MSG cleared, which is the case after POR or after complete reading of I2C
message by RF, and complete reading of RF message by I2C).
A watchdog limits the message availability in time: when a time-out occurs, the mailbox is considered free, and
the HOST_MISS_MSG or RF_MISS_MSG bits is set into MB_CTRL_Dyn register. The data contained in the
mailbox is not cleared after a read or after the watchdog has been triggered: message data is still available
for read and until fast transfer mode is disabled. HOST_CURRENT_MSG and RF_CURRENT_MSG bits are
indicating the source of the current data.
The message is stored in a buffer (256 Bytes), and the write operation is done immediately. .
Caution:
The data written in user or system memory (EEPROM), either from I2C or from RF, transits via the 256-Bytes
fast transfer mode's buffer. Consequently fast transfer mode must be deactivated (MB_EN=0) before starting
any write operation in user or system memory, otherwise command will be NotACK for I2C or get an answer 0Fh
for RF and programming is not done.
I2C access to mailbox
The access by I2C can be done by dedicated address mapping to mailbox (2008h to 2107h) with device identifier
E2 = 0.
I2C reading operation does not support rollover. Therefore data out is set to FFh when the counter reaches the
message end.
The RF_PUT_MSG is cleared after reaching the STOP consecutive to reading the last message byte, and the
mailbox is considered free (but the message is not cleared and it is still present in the mailbox).
A I2C reading operation will never clear HOST_PUT_MSG, and the message remains available for RF.
An I2C read can start at any address inside the mailbox (between address 2008h and 2107h).
A I2C write operation must start from the first mailbox location, at address 2008h. After reaching the Mailbox
border at address 2107h all bytes are NACK and the command is not executed (rollover feature not supported).
At the end of a successful I2C message write, the message length is automatically set into MB_LEN_Dyn register,
and HOST_PUT_MSG bit is set into MB_CTRL_Dyn register, and the write access to the mailbox is not possible
until the mailbox has been released again. MB_LEN_Dyn contains the size of the message in byte, minus 1.
ST25DV04K ST25DV16K ST25DV64K
Fast transfer mode (FTM)
DS10925 - Rev 9
page 25/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com