Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 62Page - STMicroelectronics ST25DV04K Datasheet HTML 63Page - STMicroelectronics ST25DV04K Datasheet HTML 64Page - STMicroelectronics ST25DV04K Datasheet HTML 65Page - STMicroelectronics ST25DV04K Datasheet HTML 66Page - STMicroelectronics ST25DV04K Datasheet HTML 67Page - STMicroelectronics ST25DV04K Datasheet HTML 68Page - STMicroelectronics ST25DV04K Datasheet HTML 69Page - STMicroelectronics ST25DV04K Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 200 page
background image
6.3
Device addressing
To start a communication between the bus master and the slave device, the bus master must initiate a Start
condition. Following this, the bus master sends the device select code, shown in Table 88. Device select code (on
Serial Data (SDA), the most significant bit first).
The device select code consists of a 4-bit device type identifier and a 3-bit Chip Enable “Address” (E2,1,1). To
address the memory array, the 4-bit device type identifier is 1010b. Refer to Table 88. Device select code.
The eighth bit is the Read/Write bit (RW). It is set to 1 for Read and to 0 for Write operations.
Table 88. Device select code
Device type identifier (1)
Chip Enable address
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device select code
1
0
1
0
E2(2)
1
1
RW
1. The most significant bit, b7, is sent first.
2. E2 is not connected to any external pin. It is however used to address the ST25DVxxx as described in Section 4 Memory
management.
•
E2 = 0, access to user memory, Dynamic registers or Mailbox.
•
E2 =1, access to system area.
If a match occurs on the device select code, the corresponding device gives an acknowledgment on serial data
(SDA) during the ninth bit time. If the device does not match the device select code, it deselects itself from the
bus, and goes into Standby mode.
Table 89. Operating modes
Mode
RW bit
Bytes
Initial sequence
Current address read
1
1
Start, device select, RW = 1
Random address read
0
1
Start, device select, RW = 0, address
1
reStart, device select, RW = 1
Sequential read
1
≥ 1
Similar to current or random address read
Byte write
0
1
Start, device select, RW = 0
Sequential write
0
≤ 256 byte
Start, device select, RW = 0
6.4
I2C Write operations
Following a Start condition, the bus master sends a device select code with the Read/Write bit (RW) reset to 0.
The device acknowledges this, and waits for two address bytes. The device responds to each address byte with
an acknowledge bit, and then waits for the data byte.
Each data byte in the memory has a 16-bit (two-byte wide) address. The most significant byte (see
Table 90. Address most significant byte) is sent first, followed by the least significant byte (see Table 91. Address
least significant byte). Bits b15 to b0 form the address of the byte in memory.
Table 90. Address most significant byte
b15
b14
b13
b12
b11
b10
b9
b8
Table 91. Address least significant byte
b7
b6
b5
b4
b3
b2
b1
b0
ST25DV04K ST25DV16K ST25DV64K
Device addressing
DS10925 - Rev 9
page 66/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com