Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 96Page - STMicroelectronics ST25DV04K Datasheet HTML 97Page - STMicroelectronics ST25DV04K Datasheet HTML 98Page - STMicroelectronics ST25DV04K Datasheet HTML 99Page - STMicroelectronics ST25DV04K Datasheet HTML 100Page - STMicroelectronics ST25DV04K Datasheet HTML 101Page - STMicroelectronics ST25DV04K Datasheet HTML 102Page - STMicroelectronics ST25DV04K Datasheet HTML 103Page - STMicroelectronics ST25DV04K Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 200 page
background image
7.6.17
Reset to Ready
On receiving a Reset to Ready command, the ST25DVxxx returns to the Ready state if no error occurs. In the
Addressed mode, the ST25DVxxx answers an error code only if the UID is equal to its own UID. If not, no
response is generated.
The Option_flag is not supported, and the Inventory_flag must be set to 0.
Table 142. Reset to Ready request format
Request SOF
Request_flags
Reset to Ready
UID (1)
CRC16
Request EOF
-
8 bits
26h
64 bits
16 bits
-
1. This field is optional.
Request parameter:
•
UID (optional)
Table 143. Reset to Ready response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter
Table 144. Reset to ready response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: the option is not supported
–
0Fh: error with no information given
Figure 46. Reset to Ready frame exchange between VCD and ST25DVxxx
SOF
Reset to Ready
request
VCD
ST25DVxxx
EOF
SOF
Reset to Ready
response
EOF
t1
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 100/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com