Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADFS5758 Datasheet(PDF) 34 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 30Page - Analog Devices ADFS5758 Datasheet HTML 31Page - Analog Devices ADFS5758 Datasheet HTML 32Page - Analog Devices ADFS5758 Datasheet HTML 33Page - Analog Devices ADFS5758 Datasheet HTML 34Page - Analog Devices ADFS5758 Datasheet HTML 35Page - Analog Devices ADFS5758 Datasheet HTML 36Page - Analog Devices ADFS5758 Datasheet HTML 37Page - Analog Devices ADFS5758 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 34 of 75
DEVICE FEATURES AND DIAGNOSTICS
POWER DISSIPATION CONTROL
The ADFS5758 contains integrated buck dc-to-dc converter
circuitry that controls the power supply to the output buffers,
allowing reductions in power consumption from standard
designs when using the device in both current and voltage
output modes. AVDD1 is the supply rail for the dc-to-dc converter
and can range from 7 V to 33 V. VDPC+ is derived from this rail
and its value depends on the mode of operation of the dc-to-dc
converter as well as the output load, including DPC voltage
mode, DPC current mode, and PPC current mode.
Figure 77 shows the discrete components needed for the dc-to-
dc circuitry and the following sections describe component
selection and operation of this circuitry.
LDCDC
47µH
CDCDC
2.2µF
CIN
4.7µF
AVDD1
DC-TO-DC
CONVERTER
CIRCUITRY
SW+
VDPC+
PGND1
VDPC+
PGND1
0.1µF
Figure 77. DC-to-DC Circuit
Table 10. Recommended DC-to-DC Components
Symbol
Component
Value
Manufacturer
LDCDC
LPS4018-473MRB
47 μH
Coilcraft
CDCDC
GCM31CR71H225KA55L
2.2 μF
Murata
CIN
GRM31CR71H475KA12L
4.7 μF
Murata
DC-to-DC Converter Operation
The dc-to-dc converter uses a fixed 500 kHz frequency, peak
current mode control scheme to step down the AVDD1 input to
produce VDPC+ to supply the driver circuitry of the voltage/current
output channel. The dc-to-dc converter incorporates a low-side
synchronous switch and, therefore, does not require an external
Schottky diode. The dc-to-dc converter is designed to operate
predominantly in discontinuous conduction mode (DCM),
where the inductor current goes to zero for an appreciable
percentage of the switching cycle. To avoid generating lower
frequency harmonics on the VDPC+ regulated output voltage rail,
the dc-to-dc converter does not skip any cycles. Therefore, the
dc-to-dc converter must transfer a minimum amount of energy
to its load (that is, the current or voltage output stage and its
respective load) to operate at a fixed frequency. Thus, for light
loads (for example, low RLOAD or low IOUT), the VDPC+ voltage can
rise beyond the target value and go out of regulation. This is
not a fault condition and does not represent the worst case
power dissipation condition in an application.
Note that the dc-to-dc converter requires a sufficient level of
margin to be maintained between AVDD1 and VDPC+ to ensure
the dc-to-dc circuitry operates correctly. This margin value is
5% of VDPC+ maximum.
DPC Voltage Mode
In DPC voltage mode, with the voltage output enabled or
disabled, the converter regulates the VDPC+ supply to 15 V above
the −VSENSE voltage. This mode allows the full output voltage
range to be efficiently applied across remote loads, with
corresponding remote grounds at up to ±10 V potential relative
to the local ground supply (AGND) for the ADFS5758.
DPC Current Mode
In standard current input module designs, the combined line
and load resistance values can range from typically 50 Ω to
750 Ω. Output module systems must provide enough voltage to
meet the compliance voltage requirement across the full range
of load resistor values. For example, in a 4 mA to 20 mA loop,
when driving 20 mA into a 750 Ω load, a compliance voltage of
>15 V is required. When driving 20 mA into a 50 Ω load, the
required compliance is reduced to >1 V.
In DPC current mode, the ADFS5758 dc-to-dc circuitry senses
the output voltage and regulates the VDPC+ supply voltage to meet
compliance requirements plus an optimized headroom voltage
for the output buffer. VDPC+ is dynamically regulated to 4.95 V
or (IOUT × RLOAD + headroom), whichever is greater. This regulation
excludes the light load condition whereby the VDPC+ voltage can
rise beyond the target value, which does not represent the worst
case power dissipation condition in an application. The
ADFS5758 is capable of driving up to 24 mA through a 1 kΩ
load, for a given input supply (24 V + headroom).
At low output power levels, the regulated headroom increases
above 2.3 V because the dc-to-dc circuitry uses a minimum on
time ADFS5758 cycle. This behaviour is expected and does not
impact any worse case power dissipation.
PPC Current Mode
The dc-to-dc converter can also operate in programmable power
control mode, where the VDPC+ voltage is user programmable to a
given level to accommodate the maximum output load required.
This mode represents a trade-off between the optimized power
efficiency of the DPC current mode and the settling time of a
system with a fixed supply (dc-to-dc disabled). In PPC current
mode, VDPC+ is regulated to a user-programmable level between 5 V
and 25.677 V with respect to −VSENSE (in steps of 0.667 V). This
mode is useful if settling time is an important requirement of the
design. See the DC-to-DC Converter Settling Time section. Care
is needed in selecting the programmed level of VDPC+ if the load
is nonlinear in nature. VDPC+ must be set high enough to obey the
output compliance voltage specification. If the load is unknown,
the +VSENSE input to the ADC can be used to monitor the VIOUT pin
in current mode to determine the user-programmable value at
which to set VDPC+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com