Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADFS5758 Datasheet(PDF) 35 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 31Page - Analog Devices ADFS5758 Datasheet HTML 32Page - Analog Devices ADFS5758 Datasheet HTML 33Page - Analog Devices ADFS5758 Datasheet HTML 34Page - Analog Devices ADFS5758 Datasheet HTML 35Page - Analog Devices ADFS5758 Datasheet HTML 36Page - Analog Devices ADFS5758 Datasheet HTML 37Page - Analog Devices ADFS5758 Datasheet HTML 38Page - Analog Devices ADFS5758 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 35 of 75
DC-to-DC Converter Settling Time
When in DPC current mode, the settling time is dominated by the
settling time of the dc-to-dc converter and is typically 200 µs
without the digital slew rate control feature enabled. To reduce
initial VIOUT waveform overshoot without adding a capacitor on
VIOUT and thereby affecting HART operation, enable the digital
slew rate control feature using the DAC_CONFIG register (see
Table 34).
Table 11
shows the typical settling time for each of the dc-to-dc
converter modes. All values shown assume the use of the
components recommended by Analog Devices listed in Table 10.
The achievable settling time in any given application is dependent
on the choice of external inductor and capacitor components
used, as well as the current-limit setting of the dc-to-dc
converter.
Table 11. DC-to-DC Converter Mode vs. Settling Time
DC-to-DC Converter Mode
Settling Time (µs)
DPC Current Mode
200
PPC Current Mode
15
DPC Voltage Mode
15
DC-to-DC Converter Inductor Selection
For typical 4 mA to 20 mA applications, a 47 μH inductor (per
Table 10), combined with the switching frequency of 500 kHz,
allows up to 24 mA to be driven into a load resistance of up to 1 kΩ
with an AVDD1 supply of greater than 24 V + headroom. It is
important to ensure that the peak current does not cause the
inductor to saturate, especially at the maximum ambient
temperature. If the inductor enters saturation mode, it results in a
decrease in efficiency. Larger size inductors translate to lower core
losses. The slew rate control feature of the ADFS5758 can be used
to limit peak currents during slewing. Program an appropriate
current limit (via the DCDC_CONFIG2 register) to shut off the
internal switch if the inductor current reaches that limit.
DC-to-DC Converter Input and Output Capacitor
Selection
The output capacitor, CDCDC, affects the ripple voltage of the dc-
to-dc converter and limits the maximum slew rate at which the
output current can rise. The ripple voltage is directly related to
the output capacitance. The CDCDC capacitor recommended by
Analog Devices (see Table 10), combined with the recommended
47 µH inductor, results in a 500 kHz ripple with amplitude less
than 50 mV and guarantees stability and operation with HART
capability across all operating modes.
For high voltage capacitors, the size of the capacitor is often a
good indication of its charge storage ability. It is important to
characterize the dc bias voltage vs. capacitance curve for this
capacitor. Any capacitance values specified are with reference
to a dc bias corresponding to the maximum VDPC+ voltage in the
application. As well as the voltage rating, the temperature range
of the capacitor must also be considered for a given application.
These considerations are key in selection of the components
described in Table 10.
The input capacitor, CIN, provides much of the dynamic current
required for the dc-to-dc converter, and a low effective series
resistance (ESR) component is recommended. For the ADFS5758,
a low ESR tantalum or ceramic capacitor of 4.7 μF (1206 size) in
parallel with a 0.1 μF (0402 size) capacitor is recommended.
Ceramic capacitors must be chosen carefully because they can
exhibit a large sensitivity to dc bias voltages and temperature.
X5R or X7R dielectrics are preferred because these capacitors
remain stable over wider operating voltage and temperature
ranges. Care must be taken if selecting a tantalum capacitor to
ensure a low ESR value.
CLKOUT
The ADFS5758 provides a CLKOUT signal to the system for
synchronization purposes. This signal is programmable to eight
frequency options between 416 kHz and 588 kHz, with the default
option being 500 kHz—the same switching frequency of the dc-
to-dc converter. This feature is configured in the GP_CONFIG1
register and is disabled by default.
INTERDIE 3-WIRE INTERFACE
A 3-wire interface is used to communicate between the two die
in the ADFS5758. The 3-wire interface master is located on the
main die, and the 3-wire interface slave is on the dc-to-dc die.
The three interface signals are data, DCLK (running at
MCLK/8), and interrupt.
The main purpose of the 3-wire interface is to read from or write
to the DCDC_CONFIG1 and DCDC_CONFIG2 registers.
Addressing these registers via the SPI interface initiates an
internal 3-wire interface transfer from the main die to the dc-
to-dc die. The 3-wire interface master on the main die initiates
writes and reads to the registers on the dc-to-dc die using DCLK as
the serial clock. The slave uses an interrupt signal to indicate a
read of the internal status register of the dc-to-dc die is required.
For every 3-wire interface write, an automatic read and compare
process can be enabled (default case) to ensure that the contents of
the copy of the DCDC_CONFIGx registers on the main die
match the contents of the registers on the dc-to-dc die. This
comparison is performed to ensure the integrity of the digital
circuitry on the dc-to-dc die. With this feature enabled, a 3-wire
interface transfer takes approximately 300 µs. When disabled,
this transfer time reduces to 30 µs.
The BUSY_3WI flag in the DCDC_CONFIG2 register is asserted
during the 3-wire interface transaction. The BUSY_3WI flag
is also set when the user updates the DAC range (via the DAC_
CONFIG register, Bits[4:0]) due to the internal calibration
memory refresh caused by this action, which requires a 3-wire
interface transfer between the two die. A write to either of the
DCDC_CONFIGx registers must not be initiated while
BUSY_3WI is asserted. If a write occurs, the new write is
delayed until the current 3-wire interface (3WI) transfer
completes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com