Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADFS5758 Datasheet(PDF) 36 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 32Page - Analog Devices ADFS5758 Datasheet HTML 33Page - Analog Devices ADFS5758 Datasheet HTML 34Page - Analog Devices ADFS5758 Datasheet HTML 35Page - Analog Devices ADFS5758 Datasheet HTML 36Page - Analog Devices ADFS5758 Datasheet HTML 37Page - Analog Devices ADFS5758 Datasheet HTML 38Page - Analog Devices ADFS5758 Datasheet HTML 39Page - Analog Devices ADFS5758 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 36 of 75
3-Wire Interface Diagnostics
Any faults on the dc-to-dc die triggers an interrupt to the main
die. An automatic status read of the dc-to-dc die is performed.
After the read transaction, the main die has a copy of the dc-to-
dc die status bits (VIOUT_OV_ERR, DCDC_P_SC_ERR and
DCDC_P_PWR_ERR). These values are available in the
ANALOG_DIAG_RESULTS register and via the OR’ed analog
diagnostic results bits in the status register. These bits also
trigger the FAULT pin.
In response to the interrupt request, the main die (master)
performs a 3-wire interface read operation to read the status of
the dc-to-dc die. The interrupt is only asserted again by a
subsequent dc-to-dc die fault flag, upon which the 3-wire
interface initiates another status read transaction. If an interrupt
signal is detected six times in a row, the interrupt detection
mechanism is disabled until a 3-wire interface write transaction
completes. This disabling prevents the 3-wire interface from
being blocked because of the constant dc-to-dc die status read
when the interrupt is toggling. The INTR_SAT_3WI flag in the
DCDC_CONFIG2 register indicates when this event occurs, and a
write to either DCDC_CONFIGx register resets this bit to 0.
During a 3-wire read or write operation, the address and data bits
in the transaction produce parity bits. These parity bits are checked
on the receive side and if they do not match on both die, the
ERR_3WI bit in the DIGITAL_DIAG_RESULTS register is set.
If the read and compare process is enabled and a parity error
occurs, the BKGND_CRC_ERR bit in the DIGITAL_DIAG_
RESULTS register is also set.
The FAULT_INJECT_3WI bits (in the GP_CONFIG2 register)
can be used to check that the 3-wire interface diagnostics are
functioning correctly.
VOLTAGE OUTPUT
Voltage Output Amplifier and VSENSE Functionality
The voltage output amplifier is capable of generating both unipolar
and bipolar output voltages, and is also capable of driving a load
of 1 kΩ in parallel with 2 µF (with an external compensation
capacitor) to AGND. Figure 78 shows the voltage output
driving a load, RLOAD, on top of a common-mode voltage (VCM)
of ±10 V. An integrated 2 MΩ resistor ensures the amplifier
loop is kept closed, thus preventing potential large destructive
voltages on VIOUT due to the broken amplifier loop in applications
where a cable can possibly become disconnected from +VSENSE. If
remote sensing of the load is not required, connect +VSENSE
directly to VIOUT and connect −VSENSE directly to AGND. Make
both connections using 1 kΩ resistors.
ADFS5758
16-BIT
DAC
+VSENSE
VIOUT
–VSENSE
VOUT
RANGE
SCALING
2MΩ
VCM
±10V
RLOAD
2MΩ
REFIN
Figure 78. Voltage Output
Driving Large Capacitive Loads
The voltage output amplifier is capable of driving capacitive
loads of up to 2 µF with the addition of a 220 pF nonpolarized
compensation capacitor. This capacitor, while allowing the
ADFS5758 to drive higher capacitive loads and reduce overshoot,
increases the settling time of the device and, therefore, affects the
bandwidth of the system. Without the compensation capacitor,
capacitive loads up to 10 nF can be driven.
Voltage Output Short-Circuit Protection
Under normal operation, the voltage output sinks/sources up to
12 mA and maintains specified operation. The short-circuit
current is typically 15 mA. If a short circuit is detected, the
FAULT pin goes low and the VOUT_SC_ERR bit in the
ANALOG_DIAG_RESULTS register is set.
FAULT PROTECTION
The ADFS5758 incorporates a line protector on the VIOUT pin,
+VSENSE pin, and −VSENSE pin. The line protector operates by
clamping the voltage internal to the line protector to the VDPC+
and AVSS rails, thereby protecting internal circuitry from
external voltage faults. If a voltage outside of these limits is
detected on the VIOUT pin, an error flag (VIOUT_OV_ERR) is
also set and is located in the ANALOG_DIAG_RESULTS register.
CURRENT OUTPUT
External Current Setting Resistor
As shown in Figure 74, RSET is an internal sense resistor that forms
part of the voltage to current conversion circuitry. The stability
of the output current value over temperature is dependent on
the stability of the value of RSET. As a method of improving the
stability of the output current over temperature, an external
13.7 kΩ low drift resistor can be connected between the RA and
RB pins of the ADFS5758, to be used instead of the internal
resistor.
Table 1 shows the performance specifications of the ADFS5758
with both the internal RSET resistor and an external, 13.7 kΩ
RSET resistor. The external RSET resistor specification assumes an
ideal resistor. The actual performance depends on the absolute
value and temperature coefficient of the resistor used. The
resistor specifications, therefore, directly affect the gain error of
the output and the TUE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com