Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC4420A Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 2Page - STMicroelectronics STLC4420A Datasheet HTML 3Page - STMicroelectronics STLC4420A Datasheet HTML 4Page - STMicroelectronics STLC4420A Datasheet HTML 5Page - STMicroelectronics STLC4420A Datasheet HTML 6Page - STMicroelectronics STLC4420A Datasheet HTML 7Page - STMicroelectronics STLC4420A Datasheet HTML 8Page - STMicroelectronics STLC4420A Datasheet HTML 9Page - STMicroelectronics STLC4420A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Pin descriptions
STLC4420A
6/40
2.1
Signal description
Table 1.
STLC4420A signal descriptions
Pin name
Pin number
Type
Internal
resistor
Function
RF front end interface pins
LB_LNA_IN-
D1
RF input
100
Ω RF
Differential
Low band (2.4 GHz) 100
Ω RF differential RX
inputs.
LB_LNA_IN+
C1
RF input
HB_LNA_IN-
F1
RF input
100
Ω RF
Differential
High band (5 GHz) 100
Ω RF differential RX
inputs.
HB_LNA_IN+
E1
RF input
LNA_SHIELD
C2, C3,D2,
E2, F2
RF shield
-
Low noise amplifier (LNA) input shield pins.
LB_TX_OUT
H1
RF output
-
50
Ω RF transmit (TX) low band (2.4 GHz)
single ended output.
HB_TX_OUT
J1
RF output
-
50
Ω RF transmit (TX) low band (5 GHz)
single ended output.
SW1
A13
digital output
-
Complementary transmit/receive
antennaswitch control outputs. I/O level
determined by VDDA supply input.
SW2
A14
digital output
-
SW3
A15
digital output
-
SW4
A16
digital output
-
PA_BIAS24
N2, M2
analog output
-
Power amplifier bias control (2.4 GHz). DAC
full-scale output current determined by
PA_RREF resistor.
PA_BIAS5
L3
analog output
-
Power amplifier bias control (5 GHz). DAC
full-scale output current determined by
PA_RREF resistor.
PA_RREF
N1, M1
analog reference
-
Analog reference resistor. A 20K ohm typical
resistor sets the PA_BIAS full-scale output
current.
PA_DET0
B12
analog input
Resistor
ladder
PA Detector Input 0. (2.4 GHz)
PA_DET1
A12
analog input
PA Detector Input 1. (5 GHz)
Host interface and clock pins
DAT2
F24
1.8 V (VIO) digital
I/O
SDIO data I/O bit 2. Not used in SPI mode.
HOST_IRQ
A18
1.8 V digital
output,
VIO domain
Host interrupt request. Typically asserted to
request a SPI data transfer. In SDIO mode
pin = DAT1.
POWER_UP
H23
1.8 V digital input
1M
Ω
Pull-Down
Power up enable from host
OSC_EN
N13
1.8 V digital
output
No Pull
Oscillator enable output. Initially driven high
upon powerup, under firmware control after
initialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com