Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC4420A Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 5Page - STMicroelectronics STLC4420A Datasheet HTML 6Page - STMicroelectronics STLC4420A Datasheet HTML 7Page - STMicroelectronics STLC4420A Datasheet HTML 8Page - STMicroelectronics STLC4420A Datasheet HTML 9Page - STMicroelectronics STLC4420A Datasheet HTML 10Page - STMicroelectronics STLC4420A Datasheet HTML 11Page - STMicroelectronics STLC4420A Datasheet HTML 12Page - STMicroelectronics STLC4420A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
STLC4420A
Pin descriptions
9/40
VI2C
D22
Digital supply
input
Digital 1.8V I/O power supply input pin
dedicated to the EMU I2C bus interface.
Connect to ground if the I2C interface of the
EMU is not connected (EMU_SCL,
EMU_SDA)
VIO
B20
Supply input
(1.8 V)
-
Host digital I/O supply input for SPI and
Bluetooth interfaces.
V1OUT
N15
Regulator output
-
Linear regulator 1.8V output.
V2OUT
M12
Regulator output
-
Linear regulator 1.8V output.
V2XOUT
B14
Regulator output
-
Linear regulator 1.2V output.
V4OUT
M16
Regulator output
-
Linear regulator output selectable for 2.81V
or 3.11V. Output voltage controlled by
V4_OUTSEL pin G24.
V4_OUTSEL
G24
1.8 V digital input
-
Control input for selection of V4OUT regulator
output voltage. Logic 0 = 0=2.81V, 1= 3.11V
FB_V2
M11
Regulator sense
-
Sense line for V2 regulator. Connect to
V2OUT pin M12 with a short trace.
FB_V2X
C14
Regulator sense
-
Sense line for V2X regulator. Connect to
V2XOUT pin B14 with a short trace.
EMU_CREF
J23
Analog reference
-
Reference capacitor for internal Power
Management Unit (PMU). Connect a 1uF
capacitor to a solid board gound plane.
IRES
J24
Analog reference
Reference resistor for the internal Power
Management Unit (EMU). Connect a 1M
Ω
resistor to a solid board ground plane.
VDDA
A1, A2, A3,
A8, A11, H2,
N7, N12
Analog supply
input
-
Analog 1.8V supply input pins. Decouple to a
solid ground plane using ceramic capacitors
located as close a possible to the appropriate
pins. Refer to evaluation platform
schematics.
VDDA_SYNTH
K1
VDDS_PRESR K3
VCC_LNA
B13
HB_VPA
M15
3.0 V digital
output
High Band PA Enable
LB_VBA
N17
3.0 V digital
output
Low Band PA Enable
VDDA_PLL
M13
Analog supply
input
-
Phase Locked Loop supply = 1.8V
Table 1.
STLC4420A signal descriptions (continued)
Pin name
Pin number
Type
Internal
resistor
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com