Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC4420A Datasheet(PDF) 37 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 32Page - STMicroelectronics STLC4420A Datasheet HTML 33Page - STMicroelectronics STLC4420A Datasheet HTML 34Page - STMicroelectronics STLC4420A Datasheet HTML 35Page - STMicroelectronics STLC4420A Datasheet HTML 36Page - STMicroelectronics STLC4420A Datasheet HTML 37Page - STMicroelectronics STLC4420A Datasheet HTML 38Page - STMicroelectronics STLC4420A Datasheet HTML 39Page - STMicroelectronics STLC4420A Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
STLC4420A
Registers description
37/40
5.14
DMA read length register
This 16 bit register is programmed with the maximum byte count of the next DMA Read
transfer. Only the low-order 16 bits are used. The value programmed can be any number of
bytes from 1 to 65535. A value of '0' disables the byte count logic, causing any transfers to
continue until terminated by clearing the Enable bit.
The format of the register is defined in Table 19.
5.15
DMA read base address register
The DMA read base address is written to point to the first location for the DMA Data register
read in the Devices AHB space. The address will be incremented after every Host access to
the Data register. There is no restriction on the Base Address. Byte, Half-word, Word and
QuadWord addresses are supported.
The format of the register is defined in Table 20.
Table 19.
DMA read length register
Bit number
Name
Description
31:16
Reserved
15:0
Data Length
Maximum byte count
Table 20.
DMA read length register
Bit number
Name
Description
31:0
DMA Read Base
Address for 1st DMA read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com