Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC4420A Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 20Page - STMicroelectronics STLC4420A Datasheet HTML 21Page - STMicroelectronics STLC4420A Datasheet HTML 22Page - STMicroelectronics STLC4420A Datasheet HTML 23Page - STMicroelectronics STLC4420A Datasheet HTML 24Page - STMicroelectronics STLC4420A Datasheet HTML 25Page - STMicroelectronics STLC4420A Datasheet HTML 26Page - STMicroelectronics STLC4420A Datasheet HTML 27Page - STMicroelectronics STLC4420A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Serial host interface
STLC4420A
24/40
4.3
AHB masters
The DMA engines are contained within the Serial Host interface. The DMA engines access
data on the device via a pair of AHB masters. AHB1 is connected to the standard AHB bus
which is shared with the CPU and DMA controller AHB masters.
The Serial Host has a second AHB master connected to the AHB Ram directly via a AHB2.
The Serial Host AHB2 master and the AHB Ram AHB2 slave are the only master and slave
on the AHB2 bus. This guarantees sufficient bandwidth for the serial host interface.
When the AHB master is accessing APB registers the ApbAccess bit must be set to force
the master to use word (32-bit) transfers so that the APB registers are not set to an
indeterminate state by a pair of half-word (16-bit) transfers.
DMA read data is prefetched when the DMA Read Address is written and the DMA Write
Enable is asserted. The host must not read DMA Data register before the prefetch
completes. There must be 20 ABClock cycles between the end the Data Phase when DMA
Read Address is written and the end of Address Phase which selects the DMA Read
register.
Figure 14.
3-WireInvWait1
Figure 15.
3-WireShiftWait1
Figure 16.
3-WireInvShftWait1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com