Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC4420A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 4Page - STMicroelectronics STLC4420A Datasheet HTML 5Page - STMicroelectronics STLC4420A Datasheet HTML 6Page - STMicroelectronics STLC4420A Datasheet HTML 7Page - STMicroelectronics STLC4420A Datasheet HTML 8Page - STMicroelectronics STLC4420A Datasheet HTML 9Page - STMicroelectronics STLC4420A Datasheet HTML 10Page - STMicroelectronics STLC4420A Datasheet HTML 11Page - STMicroelectronics STLC4420A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Pin descriptions
STLC4420A
8/40
Power supply pins
POR_V2O
L17
1.8V (V2) Digital
Input
BB/MAC Power on Reset Input
POR_V2I
L18
1.8V (V2) Digital
Output
EMU Power on Reset Output. A more
detailed description could be added from the
ST EMU spec
POR_V4I
M6
2.8V (V4) Digital
Input
Transceiver Power on Reset Input
POR_V4O
M7
2.8V (V4) Digital
Output
EMU Power on Reset Output. A more
detailed description could be added from the
ST EMU spec
VBATV2X
B16
Supply Input
(3.6V)
Battery supply inputs for regulator V2X of the
EMU. Decouple . Decouple to a solid ground
plane using a ceramic capacitor located as
close a possible to the VBAT pins.
VBATV2
N24
Battery supply inputs for regulator V2 of the
EMU. Decouple to a solid ground plane using
a ceramic capacitor located as close a
possible to the VBAT pins.
VBATV1
N16
Battery supply input for regulator V1 of the
EMU. Decouple to a solid ground plane using
a ceramic capacitor located as close a
possible to the VBAT pins.
VBATV4
M14
Battery supply input for regulator V4 of the
EMU. Decouple to a solid ground plane using
a ceramic capacitor located as close a
possible to the VBAT pins.
STANDBY1
M20
1.8 Digital Output
Indicates power regulator standby status with
STANDBY_1. A more detailed description
should be taken from the ST EMU
specification
STANDBY2
M24
1.8 Digital Output
Indicates power regulator standby status with
STANDBY_1. A more detailed description
should be taken from the ST EMU
specification
SER_MODE
M18
1.8V (VIO) Digital
Input
Selects Serial Host Interface Mode. Set to
Logic High for SPI mode, set to Logic Low for
SDIO mode
VBAT
C15
Supply Input
(3.6V)
-
Battery supply inputs. Decouple to a solid
ground plane using a ceramic capacitor
located as close a possible to the VBAT pins.
VDIG
G23
Supply Input
(3.3V)
-
Supply pin for SW1 to SW4 digital output
drivers. (3.6V Nominal)
Table 1.
STLC4420A signal descriptions (continued)
Pin name
Pin number
Type
Internal
resistor
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com