Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR080 Datasheet(PDF) 66 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 60Page - ATMEL Corporation ATAR080 Datasheet HTML 61Page - ATMEL Corporation ATAR080 Datasheet HTML 62Page - ATMEL Corporation ATAR080 Datasheet HTML 63Page - ATMEL Corporation ATAR080 Datasheet HTML 64Page - ATMEL Corporation ATAR080 Datasheet HTML 65Page - ATMEL Corporation ATAR080 Datasheet HTML 66Page - ATMEL Corporation ATAR080 Datasheet HTML 67Page - ATMEL Corporation ATAR080 Datasheet HTML 68Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
66
ATAR080
4675D–4BMCU–12/04
Package Information
Ordering Information
Extended Type Number
(1)
Program Memory
Data-EEPROM
Package
Delivery
ATAR080x-yyy-TKQYz
2 kB ROM
No
SSO20
Taped and reeled
ATAR080x-yyy-TKSYz
2 kB ROM
No
SSO20
Tubes
Note:
1. x
= Hardware revision
yyy = Customer specific ROM-version
z
= Operating temperature range: blank = -40°C to +85°C
Y
= Lead-free
technical drawings
according to DIN
specifications
Package SSO20
Dimensions in mm
6.75
6.50
0.25
0.65
5.85
1.30
0.15
0.05
5.7
5.3
4.5
4.3
6.6
6.3
0.15
20
11
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com