Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR080 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 44Page - ATMEL Corporation ATAR080 Datasheet HTML 45Page - ATMEL Corporation ATAR080 Datasheet HTML 46Page - ATMEL Corporation ATAR080 Datasheet HTML 47Page - ATMEL Corporation ATAR080 Datasheet HTML 48Page - ATMEL Corporation ATAR080 Datasheet HTML 49Page - ATMEL Corporation ATAR080 Datasheet HTML 50Page - ATMEL Corporation ATAR080 Datasheet HTML 51Page - ATMEL Corporation ATAR080 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
48
ATAR080
4675D–4BMCU–12/04
Figure 51. SSI Output Masking Function
Serial Interface Registers
Serial Interface Control Register
1 (SIC1)
8-bit shift register
MSB
LSB
Shift_CL
SO
Control
SI
Timer 2
Output
SSI-control
SO
Compare 2/1
4-bit counter 2/1
CL2/1
SCL
CM1
OMSK
SC
TOG2
POUT
T1OUT
SYSCL
/2
Auxiliary register address: '9'hex
Bit 3Bit 2Bit 1Bit 0
SIC1
SIR
SCD
SCS1
SCS0
Reset value: 1111b
SIR
Serial Interface Reset
SIR = 1, SSI inactive
SIR = 0, SSI active
SCD
Serial Clock Direction
SCD = 1, SC line used as output
SCD = 0, SC line used as input
Note: This bit has to be set to '1' during the MCL mode
SCS1
Serial Clock source Select bit 1
SCS0
Serial Clock source Select bit 0
Note:
With SCD = '0' the bits SCS1 and SCS0 are insignificant
Table 20. Serial Clock Source Select Bits
SCS1
SCS0
Internal Clock for SSI
1
1
SYSCL/2
1
0
T1OUT/2
01
POUT/2
0
0
TOG2/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com