Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR080 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 45Page - ATMEL Corporation ATAR080 Datasheet HTML 46Page - ATMEL Corporation ATAR080 Datasheet HTML 47Page - ATMEL Corporation ATAR080 Datasheet HTML 48Page - ATMEL Corporation ATAR080 Datasheet HTML 49Page - ATMEL Corporation ATAR080 Datasheet HTML 50Page - ATMEL Corporation ATAR080 Datasheet HTML 51Page - ATMEL Corporation ATAR080 Datasheet HTML 52Page - ATMEL Corporation ATAR080 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
49
ATAR080
4675D–4BMCU–12/04
In transmit mode (SDD = 1) shifting starts only if the transmit buffer has been loaded
(SRDY = 1).
Setting SIR-bit loads the contents of the shift register into the receive buffer
(synchronous 8-bit mode only).
In MCL modes, writing a 0 to SIR generates a start condition and writing a 1
generates a stop condition.
Serial Interface Control Register
2 (SIC2)
Note:
SDD controls port directional control and defines the reset function for the SRDY-flag
Auxiliary register address: ’A’hex
Bit 3Bit 2Bit 1Bit 0
SIC2
MSM
SM1
SM0
SDD
Reset value: 1111b
MSM
Modular Stop Mode
MSM = 1, modulator stop mode disabled (output masking off)
MSM = 0, modulator stop mode enabled (output masking on) - used in modulation
modes for generating bit-streams which are not sub-multiples of 8 bits.
SM1
Serial Mode control bit 1
SM0
Serial Mode control bit 0
Table 21. Serial Mode Control Bits
Mode
SM1
SM0
SSI Mode
1
1
1
8-bit NRZ-data changes with the rising edge of SC
2
1
0
8-bit NRZ-data changes with the falling edge of SC
3
0
1
9-bit two-wire MCL mode
4
0
0
8-bit two-wire pseudo MCL mode (no acknowledge)
SDD
Serial Data Direction
SDD = 1, transmit mode – SD line used as output (transmit data). SRDY is set by
a transmit buffer write access
SDD = 0, receive mode – SD line used as input (receive data). SRDY is set by a
receive buffer read access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com