Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR080 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATAR080 Datasheet HTML 1Page - ATMEL Corporation ATAR080 Datasheet HTML 2Page - ATMEL Corporation ATAR080 Datasheet HTML 3Page - ATMEL Corporation ATAR080 Datasheet HTML 4Page - ATMEL Corporation ATAR080 Datasheet HTML 5Page - ATMEL Corporation ATAR080 Datasheet HTML 6Page - ATMEL Corporation ATAR080 Datasheet HTML 7Page - ATMEL Corporation ATAR080 Datasheet HTML 8Page - ATMEL Corporation ATAR080 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
3
ATAR080
4675D–4BMCU–12/04
Introduction
The ATAR080 is a member of Atmel's family of 4-bit single-chip microcontrollers. They
contain ROM, RAM, parallel I/O ports, one 8-bit programmable multifunction
timer/counter, voltage supervision, interval timer with watchdog function and a sophisti-
cated on-chip clock generation with integrated RC-, 32-kHz and 4-MHz crystal-
oscillators.
MARC4 Architecture
General Description
The MARC4 microcontroller consists of an advanced stack-based, 4-bit CPU core and
on-chip peripherals. The CPU is based on the Harvard architecture with physically sep-
arated program memory (ROM) and data memory (RAM). Three independent buses,
the instruction bus, the memory bus and the I/O bus, are used for parallel communica-
tion between ROM, RAM and peripherals. This enhances program execution speed by
allowing both instruction prefetching, and a simultaneous communication to the on-chip
peripheral circuitry. The extremely powerful integrated interrupt controller with associ-
ated eight prioritized interrupt levels supports fast and efficient processing of hardware
events. The MARC4 is designed for the high-level programming language qFORTH.
The core includes both, an expression and a return stack. This architecture enables
high-level language programming without any loss of efficiency or code density.
Figure 3. MARC4 Core
ALU
MARC4 CORE
Clock
Reset
Sleep
Memory bus
I/O bus
Instruction
bus
On-chip peripheral modules
System
clock
Reset
Interrupt
controller
Instruction
decoder
Program
memory
PC
RAM
256 x 4-bit
X
Y
SP
RP
CCR
TOS
ALU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com