Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR080 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 41Page - ATMEL Corporation ATAR080 Datasheet HTML 42Page - ATMEL Corporation ATAR080 Datasheet HTML 43Page - ATMEL Corporation ATAR080 Datasheet HTML 44Page - ATMEL Corporation ATAR080 Datasheet HTML 45Page - ATMEL Corporation ATAR080 Datasheet HTML 46Page - ATMEL Corporation ATAR080 Datasheet HTML 47Page - ATMEL Corporation ATAR080 Datasheet HTML 48Page - ATMEL Corporation ATAR080 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
45
ATAR080
4675D–4BMCU–12/04
Changing the directional mode (TX/RX) should not be performed during the transfer of
an MCL telegram. One should wait until the end of the telegram which can be detected
using the SSI interrupt (IFN = 1) or by interrogating the ACT status.
A 9-bit telegram, once started will always run to completion and will not be prematurely
terminated by the SIR bit. So, if the SIR-bit is set to '1' in mid telegram, the SSI will com-
plete the current transfer and terminate the dialog with an MCL stop condition.
Figure 47. Example of MCL Transmit Dialog
Figure 48. Example of MCL Receive Dialog
7 6 5 4 3 21
7 6 54 3 2 10 A
msb
lsb
tx data 1
tx data 2
msb
lsb
Write STB
(tx data 1)
SC
SD
SRDY
ACT
Interrupt
(IFN = 0)
Interrupt
(IFN = 1)
0A
Write STB
(tx data 2)
SIR
SDD
Stop
76 5 4 3 2 17 6 5 43 2 10 A
msb
lsb
tx data 1
rx data 2
msb
lsb
Write STB
(tx data 1)
SC
SD
SRDY
ACT
Interrupt
(IFN = 0)
Interrupt
(IFN = 1)
0 A
Read SRB
(rx data 2)
SIR
SDD
Start
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com