Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP40T Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # SP40T
Description  Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP40T Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button SP40T Datasheet HTML 35Page - Infineon Technologies AG SP40T Datasheet HTML 36Page - Infineon Technologies AG SP40T Datasheet HTML 37Page - Infineon Technologies AG SP40T Datasheet HTML 38Page - Infineon Technologies AG SP40T Datasheet HTML 39Page - Infineon Technologies AG SP40T Datasheet HTML 40Page - Infineon Technologies AG SP40T Datasheet HTML 41Page - Infineon Technologies AG SP40T Datasheet HTML 42Page - Infineon Technologies AG SP40T Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
Data Sheet
39
Revision1.1
2020-05-14
SP40T
Tire Pressure Monitoring Sensor
Functional Descriptions
5.6.2
Lock-byte concept overview
At the end of each flash sector there is a lock-byte, which may be enabled by the user in order to protect the sector
against overwriting and reading. In order to activate a lock-byte it must be written with the value 0x69. However,
for security reasons, other lock-byte values with a Hamming distance from 0x69 of up to 3 are also considered as
valid. The lock-bytes are not independent from each other. There is a certain priority for each lock-byte:
• Priority 1: lock-byte 4 (for extended code sector)
• Priority 2: lock-byte 2 (for user code sector)
• Priority 3: lock-byte 3 (for user configuration sector)
Note that an enabled lock-byte with a lower priority only becomes effective if all higher prioritized lock-bytes are
already enabled. Furthermore enabling lock-bytes only becomes effective after device reset.
Figure 5-7 shows the possible lock-byte settings and their effect on the flash sectors for program mode and
normal mode. Debug-mode cannot be used if lock-byte 2 is active.
Figure 5-7 Lock-byte settings and effects in program- and normal- mode
5.6.3
Flash programming
For programming the user code sector or the user configuration sector in program mode there are two I2C
commands available. The command Erase-Sectors for deleting the sectors as a whole and the command Flash-
Write-Line for programming a 32 byte long flash line. For enabling the lock-bytes LB2 or LB3 the value of the lock-
byte location must be defined as 0x69 when writing to the corresponding line with the Flash-Write-Line
command. If a lock-byte shall remain disabled, its value must be defined as 0x00. The I2C command Set-User-
Config-Sector-Lock also allows enabling LB3 after writing the last line. There is no such I2C command for LB2.
For programming the user configuration sector in normal mode, i.e. during runtime, the firmware functions
Lib_Fl_Erase_User_Config_Sector, Lib_Fl_Write_Line and Lib_Fl_Change_UCS_Line() are available. For setting
the user configuration lock-byte (LB 3) the value of the last byte must be defined as 0x69 when writing or changing
the last line of the user configuration sector.
Note: IFX recommends shutting off the flash using I2C command PM Flash Shut Down before disconnecting the
device from supply voltage.
Protected Flash
Sectors
LB
2
LB
3
LB
4
Extended Code
Ext. Code + User
Code
Ext. Code + User
Code + User Config
0x00 0x00 0x69
0x69 0x00 0x69
0x69 0x69 0x69
Extended
Code
User
Code
User
Config
Read: yes
*
Write: no
Erase: no
Read: yes*
Write: no
Erase: no
Read: yes*
Write:
no
Erase: yes
Read: yes*
Write: no
Erase: no
none
0x00 0x00 0x00
Read: yes*
Write: no
Erase: no
Read: yes*
Write: yes
Erase: yes
Read: yes
*
Write: yes
Erase: yes
Read: yes*
Write: yes
Erase: yes
Read: yes
*
Write: yes
Erase: yes
Read: yes*
Write: yes
Erase: yes
Read: yes*
Write:
no
Erase: yes
Read: yes*
Write:
no
Erase: yes
Read: yes
Write: yes
Erase: yes
Read: yes
Write: yes
Erase: yes
Read: yes
Write: yes
Erase: yes
Read: yes
Write: yes
Read: yes
Write: yes
Read: no
Write: no
Erase all sectors at once: yes
Read: yes
Write: yes
Read: no
Write: no
Erase all sectors at once: yes
Read: no
Write: no
Read: no
Write: no
Erase all sectors at once: yes
Read: no
Write: no
Read: no
Write: no
Extended
Code
User
Code
User
Config
Normal Mode
Programming Mode
*no firmware support, read flash by using CPU commands MOVX or MOVC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com