Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP40T Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # SP40T
Description  Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP40T Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button SP40T Datasheet HTML 60Page - Infineon Technologies AG SP40T Datasheet HTML 61Page - Infineon Technologies AG SP40T Datasheet HTML 62Page - Infineon Technologies AG SP40T Datasheet HTML 63Page - Infineon Technologies AG SP40T Datasheet HTML 64Page - Infineon Technologies AG SP40T Datasheet HTML 65Page - Infineon Technologies AG SP40T Datasheet HTML 66Page - Infineon Technologies AG SP40T Datasheet HTML 67Page - Infineon Technologies AG SP40T Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
Data Sheet
64
Revision1.1
2020-05-14
SP40T
Tire Pressure Monitoring Sensor
Data Sheet Reference Board
Table 7-2 DS Ref Board matching network components
Component 434 MHz
315 MHz
Unit
Comment
C4
30
56
pF
capacitor 0603, +/-2%
C5
68
68
pF
capacitor 0603, +/-2%
C6
8.2
12
pF
capacitor 0603, +/-2%
C7
8.2
8.2
pF
capacitor 0603, +/-2%
L2
100
110
nH
Coilcraft 0603CS series, +/-2%
L3
56
100
nH
Coilcraft 0603CS series, +/-2%
L4
15
27
nH
Coilcraft 0603CS series, +/-2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com