Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP40T Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # SP40T
Description  Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP40T Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button SP40T Datasheet HTML 9Page - Infineon Technologies AG SP40T Datasheet HTML 10Page - Infineon Technologies AG SP40T Datasheet HTML 11Page - Infineon Technologies AG SP40T Datasheet HTML 12Page - Infineon Technologies AG SP40T Datasheet HTML 13Page - Infineon Technologies AG SP40T Datasheet HTML 14Page - Infineon Technologies AG SP40T Datasheet HTML 15Page - Infineon Technologies AG SP40T Datasheet HTML 16Page - Infineon Technologies AG SP40T Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
Data Sheet
13
Revision1.1
2020-05-14
SP40T
Tire Pressure Monitoring Sensor
Specification
2.3.9
Supply Currents
Table 2-12 Supply Currents at 3.0V supply voltage
Parameter
Symbol
Values
Unit
Note or Test Condition Number
Min.
Typ.
Max.
Supply current in
power down state1)
1) PP0, PP1, PP2, PP3 not connected
IPWD_3V
245
540
nA
+25°C
21.1
8.5
µA
+125°C
21.2
0.15
µA
-40°C
21.3
Supply current in idle
state (CPU gated off)
IIDLE_3V
280
400
µA
+25°C
21.4
400
µA
+125°C
21.5
280
µA
-40°C
21.6
Supply current in run
state2)
2) Measured while code is running from flash, executing a mix of read/write operations on retention RAM, SFRs and RAM
IRUN_3V
0.85
1.05
mA
+25°C
21.7
0.95
mA
+125°C
21.8
0.83
mA
-40°C
21.9
Supply current at
thermal shutdown3)
3) ITSD is the always ON current. Average current for clocked operation is ITSD_avg=IPWD+(ITSD-IPWD)*2.9/16/Interval_Mul_16ms
ITSD_3V
85
116
µA
+125°C
21.10
62
110
µA
-40°C
21.11
LF-receiver supply
current in LF carrier
detection mode
(digital filter off)4)
4) The LF-receiver supply currents at each temperature are measured by substracting the power down current with LF-
Receiver being turned off from the power down current with LF-Receiver being activated in the specific mode.
ILFCD_3V
3.3
4
µA
+25°C
21.12
10
µA
+125°C
21.13
3.5
µA
-40°C
21.14
LF-receiver supply
current in LF carrier
detection mode
(digital filter on)4)
ILFCDFilter_3V
4
6
µA
+25°C
21.15
11
µA
+125°C
21.16
4
µA
-40°C
21.17
LF-receiver supply
current in LF data
reception mode4)
ILF_3V
3.85
6
µA
+25°C
21.18
11
µA
+125°C
21.19
4
µA
-40°C
21.20
Supply current at RF-
transmission
CW or FSK
CPU off5)
IRFTX_3V
5.5
7
mA
315MHz, -40...+125°C
21.21
5.7
7
mA
434MHz, -40...+125°C
21.22
Supply current during
RF interframe timing
(CPU off)
ITXIF_3V
2.1
12
µA
+25°C
21.24
34
µA
+125°C
21.25
1.8
µA
-40°C
21.26
Supply current in
deep idle state
IDEEP_3V
2.1
12
µA
+25°C
21.27
25
100
µA
+125°C
21.28
1.7
µA
-40°C
21.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com