Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP40T Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # SP40T
Description  Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP40T Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button SP40T Datasheet HTML 10Page - Infineon Technologies AG SP40T Datasheet HTML 11Page - Infineon Technologies AG SP40T Datasheet HTML 12Page - Infineon Technologies AG SP40T Datasheet HTML 13Page - Infineon Technologies AG SP40T Datasheet HTML 14Page - Infineon Technologies AG SP40T Datasheet HTML 15Page - Infineon Technologies AG SP40T Datasheet HTML 16Page - Infineon Technologies AG SP40T Datasheet HTML 17Page - Infineon Technologies AG SP40T Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
Data Sheet
14
Revision1.1
2020-05-14
SP40T
Tire Pressure Monitoring Sensor
Specification
2.3.10
LF-Receiver
5) Measured with the Data Sheet Reference Board, 50 Ohm RF output terminated with 50Ohm, VDDPA = 2.1V
Table 2-13 LF Receiver Operating Conditions
Parameter
Symbol
Values
Unit
Note or Test Condition Number
Min.
Typ.
Max.
LF Carrier Frequency1)
1) LF sensitivity levels are only valid for the specified carrier frequency range.
fLF
115
125
135
kHz
22.1
LF Data Rate
DRLF
3.8
3.9
4.2
kbit/s
22.2
LF Data Duty Cycle
DCLF
45
50
55
%
22.3
LF Data amplitude
change speed
ACSLF
1.5
Vpp/s Valid for input signals
up to 10mVpp
22.4
Table 2-14 LF Receiver Characteristics
Parameter
Symbol
Values
Unit
Note or Test Condition Number
Min.
Typ.
Max.
Input differential
capacitance
CLFdiff
2.5
3.9
10
pF
at 125kHz
23.1
Input differential
resistance
RLFdiff
1
MOhm at 125kHz, AGC inactive, -
40°C to 90°C
23.4
1-(T/°C -90)/70
MOhm at 125kHz, AGC inactive,
90°C <=T<= 125°C
23.5
LF Receiver settling
time after power on
tON_Set.
3.9
ms
After receiver power-on
23.6
Table 2-15 LF Receiver Characteristics (Data Reception Mode)1)2)
1) LF telegram detection sensitivity specified for 100% modulation depth.
2) Specified sensitivities require calling Lib_LF_Sensitivity() in application code, [1].
Parameter
Symbol
Values
Unit
Note or Test Condition Number
Min.
Typ.
Max.
LF Data Threshold
settling time
tSettling
2
ms
During LF- telegram
preamble
24.1
LF Telegram
Detection Sensitivity
Snodet
0.1
mVpp
24.2
Sdet
1.3
mVpp -20°C to 90°C
24.3
2.5
mVpp -40°C to 125°C
24.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com