Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP40T Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # SP40T
Description  Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP40T Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button SP40T Datasheet HTML 17Page - Infineon Technologies AG SP40T Datasheet HTML 18Page - Infineon Technologies AG SP40T Datasheet HTML 19Page - Infineon Technologies AG SP40T Datasheet HTML 20Page - Infineon Technologies AG SP40T Datasheet HTML 21Page - Infineon Technologies AG SP40T Datasheet HTML 22Page - Infineon Technologies AG SP40T Datasheet HTML 23Page - Infineon Technologies AG SP40T Datasheet HTML 24Page - Infineon Technologies AG SP40T Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
Data Sheet
21
Revision1.1
2020-05-14
SP40T
Tire Pressure Monitoring Sensor
Special Features of the SP40T
4
Special Features of the SP40T
4.1
Operating Modes
Apart from normal operating mode the SP40T provides additional operating modes for debugging and
programming purposes. These additional operating modes can be selected by sending a proper I2C command
within a specified time interval after power on reset (POR). The I2C command starts with the device address (6CH)
followed by a code for the operating mode to be selected. If the SP40T does not receive any I2C command after
POR or a wrong command it starts up in normal operating mode (“Normal mode”).
4.2
Device states
In normal operation mode the SP40T can be switched into several device states which differ in the number of
enabled circuit blocks. For lowest power consumption unused blocks are disconnected from power supply,
hence not even idle currents remain.
Table 4-1 Operating Modes Overview
Operating mode Device
controlled by
Short Description
I2C
command1)
1) The complete I2C sequence is: [0x6C] [command high byte] [command low byte]
Normal mode
application
code
Normal operating mode for TPMS application
9876H
Program mode
external I2C-
Master
Used for programming application code and user
configuration data. Additional I2C commands allow reading
sensor measurement values.
1F5AH
Debug mode
external I2C-
Master
Used for application code development. Commands for
RAM read/write, program counter manipulation, execute
single step and run until breakpoint/interrupt are available.
FEDCH
Table 4-2 Device states overview
Device state
Short description
Important activated blocks
Run state
application code execution.
• CPU with 12 MHz RC-oscillator
• All other blocks can be activated if needed
Idle state1)
No code execution. Device is
waiting for a wake-up/resume
event. Fast recovery on wake-
up/resume event.
• 12 MHz CPU clock and CPU timer (CPU disabled)
•Optional: ADC
•Optional: TX-state machine, RF-transmitter
•Optional: Timer 0/1
• Optional: LF Receiver with 90 kHz oscillator
Deep idle state2)
No code execution. Device is
waiting for a resume event from
sampling timer or wake-up
event. Intended for equidistant
acceleration raw measurements.
• Wake-up controller with 2.2kHz RC-oscillator
• 90 kHz oscillator
•System controller
• Optional: LF-receiver
Power-down state No code execution. Device is
waiting for a wake-up event.
Lowest current consumption.
• Wake-up controller with 2.2kHz RC-oscillator
• Optional: LF-receiver with 90 kHz oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com