Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP40T Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # SP40T
Description  Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP40T Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button SP40T Datasheet HTML 49Page - Infineon Technologies AG SP40T Datasheet HTML 50Page - Infineon Technologies AG SP40T Datasheet HTML 51Page - Infineon Technologies AG SP40T Datasheet HTML 52Page - Infineon Technologies AG SP40T Datasheet HTML 53Page - Infineon Technologies AG SP40T Datasheet HTML 54Page - Infineon Technologies AG SP40T Datasheet HTML 55Page - Infineon Technologies AG SP40T Datasheet HTML 56Page - Infineon Technologies AG SP40T Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
Data Sheet
53
Revision1.1
2020-05-14
SP40T
Tire Pressure Monitoring Sensor
Functional Descriptions
Figure 5-16 Carrier pulse detection timing
LF wake-up pattern recognition
The LF receiver can be configured for recognition of one or two different wake-up patterns. The pattern length is
either 8 or 16 bit. Following registers are associated with this function:
• LFDPCFG (for definition of pattern number (one or two) and pattern length)
• LFDP0L and LFDP0H (definition of pattern 0)
• LFDP1L and LFDP1H (definition of pattern 1)
Synchronization pattern
The LF receiver expects a fixed synchronization pattern which cannot be changed. It is shown in Figure 5-17. The
synchronization pattern contains code violations with regard to Manchester coded data in order not to be mixed
up with data bytes.
LF data reception
The LF receiver can receive Manchester coded data bytes. The data is stored in a 7 byte data buffer. If more than
7 bytes are received the buffer is overwritten (ring buffer). The receiver can be configured for wake-up after a data
byte has been written into a user-defined address of the data buffer.
Following registers are associated with data reception:
• LFDRXBYTE0 to LFDRXBYTE6 (data buffer)
• LFDERRORFLAGS (indicates overwriting condition for each data register)
• LFDSTATUSFLAGS (indicates pending data for each data register)
Receiver
ON -Time
LF Carrier I:
detected
Settling time
3. 9 ms (±5 %)
Inhibit time
3.74 ms (±5%)
Hold time
2.84 ms (±5%)
Active carrier > 450 µs
12
3
t PULSE
Waiting
Hold Counter
Measurement phase
Hold time
restarted
Hold time
restarted
Receiver
ON -Time
Settling time
3. 9 ms (±5 %)
Inhibit time
3.74 ms (±5%)
Hold time
2.84 ms (±5%)
1
Waiting
Hold Counter
2
LF CarrierII:
not detected
Inhibit time
3. 74 ms (±5%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com