Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP40T Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SP40T
Description  Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP40T Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SP40T Datasheet HTML 6Page - Infineon Technologies AG SP40T Datasheet HTML 7Page - Infineon Technologies AG SP40T Datasheet HTML 8Page - Infineon Technologies AG SP40T Datasheet HTML 9Page - Infineon Technologies AG SP40T Datasheet HTML 10Page - Infineon Technologies AG SP40T Datasheet HTML 11Page - Infineon Technologies AG SP40T Datasheet HTML 12Page - Infineon Technologies AG SP40T Datasheet HTML 13Page - Infineon Technologies AG SP40T Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
Data Sheet
10
Revision1.1
2020-05-14
SP40T
Tire Pressure Monitoring Sensor
Specification
2.3.3
Temperature Sensor
2.3.4
Battery Sensor
2.3.5
Thermal Shutdown
Table 2-5 Temperature Sensor
Parameter
Symbol
Values
Unit
Note or Test Condition Number
Min.
Typ.
Max.
Measurement range
Trange
-40
+125
°C
14.1
Measurement error1)
1) The measurement error is understood as total error, including random error (noise)
TError
-3
+3
°C
14.2
Random error
Trandom
-1
+1
°C
95% of all
measurements
14.4
Table 2-6 Battery Sensor
Parameter
Symbol
Values
Unit
Note or Test Condition Number
Min.
Typ.
Max.
Measurement range
Vrange
VUVRA
3.6
V
see Table 2-10 for VUVRA 15.1
Measurement error1)
1) The measurement error is understood as total error, including random error (noise)
VError
-3
–
+3
%
percentage of
measurement value
15.2
Table 2-7 Thermal Shutdown
Parameter
Symbol
Values
Unit
Note or Test Condition Number
Min.
Typ.
Max.
Thermal Shutdown
HOT threshold
THOTTH
119
122
125
°C
16.1
Thermal Shutdown
HOT release
THOTRE
115
120
123.5
°C
16.2
Hysteresis
THYST
1.5
4
°C
16.3
Thermal Shutdown
COLD threshold
TCOLDTH
-40
-37
-34
°C
16.4
Thermal Shutdown
COLD release
TCOLDRE
-38.5
-35
-30
°C
16.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com