Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9002ACPM Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS9002ACPM
Description  GENLINX-TM GS9002A Serial Digital Encoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9002ACPM Datasheet(HTML) 5 Page - Gennum Corporation

  GS9002ACPM Datasheet HTML 1Page - Gennum Corporation GS9002ACPM Datasheet HTML 2Page - Gennum Corporation GS9002ACPM Datasheet HTML 3Page - Gennum Corporation GS9002ACPM Datasheet HTML 4Page - Gennum Corporation GS9002ACPM Datasheet HTML 5Page - Gennum Corporation GS9002ACPM Datasheet HTML 6Page - Gennum Corporation GS9002ACPM Datasheet HTML 7Page - Gennum Corporation GS9002ACPM Datasheet HTML 8Page - Gennum Corporation GS9002ACPM Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
24149 - 1
GS9002A PIN DESCRIPTIONS
PIN NO.
SYMBOL
TYPE
DESCRIPTION
1
VEE
Power Supply: Most negative power supply connection.
2
VCC3
Power Supply: Most positive power supply connection for the PLL and scrambler.
3
SYNC DET.
O
TTL output level that detects the occurrence of all zero’s or all one’s at inputs PD2-PD9
and pulses LOW for three PCK-IN durations. Used to detect SMPTE 259M reserved words
(000-003 and 3FC-3FF) in TRS sync word. Parallel data bits PD0 and PD1 are set Low or
High when PD2 - PD9 are Low or High respectively.
4
VEE
Power Supply: Most negative power supply connection.
5VCC1
Power Supply: Most positive power supply connection for the input data latches and serializer.
6
SYNC DET.
I
TTL level input that disables the internal Sync Detector when HIGH. This allows the
DISABLE
GS9002 to serialize 8 or 10 bit non - SMPTE Standard parallel data.
7-16
PD0-PD9
I
TTL level inputs of the parallel data words. PD0 is the LSB and PD9 is the MSB.
17
PCK-IN
I
TTL level input of the Parallel Clock.
18
VEE
Power Supply: Most negative power supply connection.
19
PCK OUT
O
Pseudo-ECL output representing the re-clocked Parallel Clock and is derived from the
internal VCO. The VCO is divided by 10 in order to produce this output.
20
LOCK DET.
O
TTL level output which goes HIGH when the internal PLL is locked.
21
VCC3
Power Supply: Most positive power supply connection for the PLL and scrambler.
22
LOOP FILT.
I
Connection for the R-C loop filter components. The loop filter sets the PLL loop
parameters.
23
VEE
Power Supply: Most negative power supply connection.
24
NC
25
VEE
Power Supply: Most negative power supply connection.
26
SSS
I
Scrambler/Serializer Select. TTL level input that selects scrambled NZRI output when
logic LOW or direct serializer output when logic HIGH.
27
VEE
Power Supply: Most negative power supply connection.
28
VCC3
Power Supply: Most positive power supply connection for the PLL and scrambler.
29
CREG
I
Compensation RC network for internal voltage regulator that requires decoupling with a series
0.1µF capacitor and 820
Ω resistor. Components should be located as close as possible to the pin.
30
VEE
Power Supply: Most negative power supply connection.
31
RVCO3
I
VCO Resistor 3: Analog current input used to set the centre frequency of the VCO when
the two Data Rate Select bits (pins 35 and 36) are both set to logic 1. A resistor is
connected from this pin to VEE.
32
RVCO2
I
VCO Resistor 2: Analog current input used to set the centre frequency of the VCO when
the Data Rate Select Bit 0 (pin 36) is set to logic 0 and the Data Rate Select Bit 1 (pin 35)
is set to logic 1. A resistor is connected from this pin to VEE.
33
RVCO1
I
VCO Resistor 1: Analog current input used to set the centre frequency of the VCO when
the Data Rate Select Bit 0 (pin 36) is set to logic 1 and the Data Rate Select Bit 1 (pin 35)
is set to logic 0. A resistor is connected from this pin to VEE.
34
RVCO0
I
VCO Resistor 0: Analog current input used to set the centre frequency of the VCO when
the two Data Rate Select bits (pins 35 and 36) are both set to logic 0. A resistor is
connected from this pin to VEE.
35,36
DRS0, 1
I
TTL level inputs to the internal 2:4 demultiplexer used to select one of four VCO frequency
setting resistors (RVCO0 - RVCO3). (See above)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com