Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9002ACPM Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS9002ACPM
Description  GENLINX-TM GS9002A Serial Digital Encoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9002ACPM Datasheet(HTML) 1 Page - Gennum Corporation

  GS9002ACPM Datasheet HTML 1Page - Gennum Corporation GS9002ACPM Datasheet HTML 2Page - Gennum Corporation GS9002ACPM Datasheet HTML 3Page - Gennum Corporation GS9002ACPM Datasheet HTML 4Page - Gennum Corporation GS9002ACPM Datasheet HTML 5Page - Gennum Corporation GS9002ACPM Datasheet HTML 6Page - Gennum Corporation GS9002ACPM Datasheet HTML 7Page - Gennum Corporation GS9002ACPM Datasheet HTML 8Page - Gennum Corporation GS9002ACPM Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
GENLINX™ GS9002A
Serial Digital Encoder
DATA SHEET
FEATURES
DEVICE DESCRIPTION
The GS9002A is a monolithic bipolar integrated circuit
designed to serialize SMPTE 125M and SMPTE 244M bit
parallel digital signals as well as other 8 or 10 bit parallel
formats. This device performs the functions of sync detection,
parallel to serial conversion, data scrambling (using the X
9
+
X
4
+1 algorithm), 10x parallel clock multiplication and
conversion of NRZ to NRZI serial data. It supports any of four
selectable serial data rates from 100 Mb/s to over 360 Mb/s.
The data rates are set by resistors and are selected by an
on-board 2:4 decoder having two TTL level input address
lines.
Other features such as a sync detector output, a sync detector
disable input, and a lock detect output are also provided. The
X
9
+ X
4
+ 1 scrambler and NRZ to NRZI converter may be
bypassed to allow the output of the parallel to serial converter
to be directly routed to the output drivers.
The GS9002A provides pseudo-ECL outputs for the serial
data and serial clock as well as a single-ended pseudo-ECL
output of the regenerated parallel clock.
The GS9002A directly interfaces with cable drivers GS9007A,
GS9008A and GS9009A. The device requires a single +5 volt
or -5 volt supply and typically consumes 713 mW of power
while driving 100
Ω loads. The 44 pin PLCC packaging
assures a small footprint for the complete encoder function.
• fully compatible with SMPTE-259M serial digital
standard
• supports up to four serial bit rates to 400 Mb/s
• accepts 8 bit and 10 bit TTL and CMOS
compatible parallel data inputs
• X
9
+ X
4
+ 1 scrambler, NRZI converter and sync
detector may be disabled for transparent data
transmission
• pseudo-ECL serial data and clock outputs
• single +5 or -5 volt supply
• 713 mW typical power dissipation (including ECL
pull-down loads).
• 44 pin PLCC packaging
• Pb-free and Green
APPLICATIONS
•4ƒ
SC, 4:2:2 and 360 Mb/s serial digital interfaces for
Video cameras, VTRs, Signal generators
ORDERING INFORMATION
Revision Date: June 2004
FUNCTIONAL BLOCK DIAGRAM
Patent No.5,357,220
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3 tel. (905) 632-2996 fax: (905) 632-5946
Gennum Japan:
Shinjuku Green Tower Building 27F 6-14-1, Nishi Shinjuku Shinjuku-ku, Tokyo 160-0023 Japan
Tel: +81 (03) 3349-5501
Fax: +81 (03) 3349-5505
Document No. 24149 - 1
SYNC DETECT
DISABLE
GS9002A
PLD
LOOP FILTER
RVC00
RVC01
RVC02
RVC03
LOCK DETECT
SERIAL CLOCK
SYNC DETECT
PCLK IN
PARALLEL DATA
IN (10 BITS)
P/S
CONVERTER
PCLK OUT
DRS1
DRS0
SYNC
DETECT
DATA RATE
SWITCH
REGULATOR CAP
PHASE
FREQUENCY
DETECT
CHARGE
PUMP
VCO
INPUT
LATCH
DIV BY 10
GENERATOR
6
7-16
17
22
19
3
20
43
29
36
32
33
35
31
34
26
SCRAMBLER/
SERIALIZER
SELECT
SCLK
LOCK
DETECT
NRZ
NRZI
2:1 MUX
SERIAL CLOCK
42
SCRAMBLER
SERIAL DATA
SERIAL DATA
39
38
Part Number
Package
Temperature Pb-Free and Green
GS9002ACPM
44 Pin PLCC
o°C to 70°C
No
GS9002ACPME3
44 Pin PLCC
o°C to 70°C
Yes


Similar Part No. - GS9002ACPM

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9002 GENNUM-GS9002 Datasheet
316Kb / 11P
GENLINXTM GS9002 Serial Digital Encoder
GS9002-CPM GENNUM-GS9002-CPM Datasheet
316Kb / 11P
GENLINXTM GS9002 Serial Digital Encoder
More results

Similar Description - GS9002ACPM

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
GENLINX-TM II EB9021 Evaluation Board
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
GENLINX-TM II EB9035 Evaluation Board
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
GENLINX II -TM GS9000D Serial Digital Decoder
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
GENLINX-TM GS9005B Serial Digital Receiver
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
GENLINX-TM GS9015B Serial Digital Reclocker
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9021A GENNUM-GS9021A Datasheet
374Kb / 26P
GENLINX -TM II GS9021A EDH Coprocessor
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
GENLINX-TM II GS9032 Digital Video Serializer
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
GENLINX II -TM GS9035C Serial Digital Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com