Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9002ACPM Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS9002ACPM
Description  GENLINX-TM GS9002A Serial Digital Encoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9002ACPM Datasheet(HTML) 2 Page - Gennum Corporation

  GS9002ACPM Datasheet HTML 1Page - Gennum Corporation GS9002ACPM Datasheet HTML 2Page - Gennum Corporation GS9002ACPM Datasheet HTML 3Page - Gennum Corporation GS9002ACPM Datasheet HTML 4Page - Gennum Corporation GS9002ACPM Datasheet HTML 5Page - Gennum Corporation GS9002ACPM Datasheet HTML 6Page - Gennum Corporation GS9002ACPM Datasheet HTML 7Page - Gennum Corporation GS9002ACPM Datasheet HTML 8Page - Gennum Corporation GS9002ACPM Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
24149 - 1
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VS
Operating Range
4.75
5.0
5.25
V
Power Consumption
PD
SDO/SDO connected to (VCC-2V)
thru 100ý resistors, PCK OUT
-
690
870
mW
connected to VEE via 1kΩ
Same as above with SCK/SCK
-
710
900
mW
also connected to (VCC-2V)
thru 100
Ω resistors.
Supply Current
IS
SDO/SDO connected to (VCC-2V)
-
155
190
mA
thru 100ý resistors, PCK OUT
connected to VEE via 1kΩ
Same as above with SCK/SCK
to (VCC-2V) V thru 100Ω resistors.
-
170
205
mA
see Figure 15
TTL Inputs-HIGH
VIHmin
TA = 25°C
2.0
-
-
V
TTL Inputs-LOW
VILmax
TA = 25°C
-
-
0.8
V
Logic Input Current
IINmax
-
2.5
10
µA
TTL Outputs-HIGH
VOHmin
TA = 25°C
2.4
-
-
V
TTL Outputs-LOW
VOLmax
TA = 25°C
-
-
0.5
V
Sync Detect O/P
IOSYNC
-
-
4.0
mA
SINK & SOURCE
Serial Outputs
High
VOH
TA=25°C, RL=100Ω to VCC-2V
-0.875
-
-0.7
V
(SDO & SCK)
Low
VOL
(VCC-2V)
-1.8
-
-1.5
V
Serial Data Outputs
bit rates
BRSDO
RL = 100Ω to
100
-
400
Mb/s
(VCC-2 volts)
signal swing
VSDO
700
850
1000
mV p-p
rise/fall times
tR, tF
-
500
-
ps
20% - 80%
jitter
t J(SDO)
143 Mb/s
-
400
-
ps p-p
see Note 1
270 Mb/s
-
300
-
ps p-p
see Fig. 16
Serial Clock Outputs
frequency
ƒSCK
RL = 100Ω to
100
-
400
MHz
see Fig. 12, 13
(VCC-2 volts)
signal swing
VSCK
-
800
-
mV p-p
see Fig. 14
Serial Data to Clock Timing
tD
See Figure 9
-
1.4
-
ns
Data lags Clock
Lock Time
tLOCK
CLOOP FILT = 0.1µF
-
1
1.2
ms
RLOOP FILT = 3.9kΩ
Parallel Clock Output
frequency
ƒPCKO
RL = 1kΩ to VEE
10
-
40
MHz
ƒPCKO = ƒSCK/10
signal swing
VPCKO
-
800
-
mV p-p
rise/fall times
tR, tF
-
700
-
ps
20% - 80%
jitter
t JPCKO
-
400
-
ps p-p
Parallel Data & Clock Inputs
risetime
tR
TA = 25°C
500
-
-
ps
setup
tSU
3-
-ns
hold
tHOLD
3-
-ns
NOTE 1: Measured using PCK-IN as trigger source on 1GHz analog oscilloscope.
V
CC
= 5V, V
EE
= 0V, T
A
= 0°C to 70°C unless otherwise shown
GS9002A - ENCODER DC ELECTRICAL CHARACTERISTICS
GS9002A - ENCODER AC ELECTRICAL CHARACTERISTICS
V
CC
= 5V, V
EE
= 0V, T
A
= 0°C to 70°C, VLOOP FILTER =2.6 V unless otherwise shown,
TA = 25°C
with respect to V
CC
(SDO and SDO)
(SCK and SCK)
(PCK OUT)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com