Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9002ACPM Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS9002ACPM
Description  GENLINX-TM GS9002A Serial Digital Encoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9002ACPM Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS9002ACPM Datasheet HTML 2Page - Gennum Corporation GS9002ACPM Datasheet HTML 3Page - Gennum Corporation GS9002ACPM Datasheet HTML 4Page - Gennum Corporation GS9002ACPM Datasheet HTML 5Page - Gennum Corporation GS9002ACPM Datasheet HTML 6Page - Gennum Corporation GS9002ACPM Datasheet HTML 7Page - Gennum Corporation GS9002ACPM Datasheet HTML 8Page - Gennum Corporation GS9002ACPM Datasheet HTML 9Page - Gennum Corporation GS9002ACPM Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6 of 11
24149 - 1
GS9002A PIN DESCRIPTIONS (Continued)
PIN NO
SYMBOL
TYPE
DESCRIPTION
37
V
EE
Power Supply: Most negative power supply connection.
38,39
SDO/SDO
O
Serial Data Outputs (true and inverse). Pseudo-ECL differential outputs representing the serialized
data. These outputs require 390
Ω pull down resistors.
40
V
CC2b
Power Supply: Most positive power supply connection for the Serial Data ECL output buffers.
41
V
CC2a
Power Supply: Most positive power supply connection for the Serial Clock ECL output buffers.
42,43
SCK/SCK
O
Serial Clock Outputs (inverse and true). Pseudo-ECL differential outputs of the Serial Clock (10x
Parallel Clock). These outputs require 390
Ω pull-down resistors.
44
V
EE
Power Supply: Most negative power supply connection.
VEE
1k
1k
VCC
INPUT
VR1
VEE
VCC
SYNC DET
5k
INPUT / OUTPUT CIRCUITS
Fig. 2 Pin No. 3
Sync Detect
Fig. 4 Pin No. 19
Parallel Clock Out
Fig. 5 Pin No. 20
Lock Detect
Fig. 3 Pins No. 6, 7 - 16, 17,26
Sync Disable, Parallel Data, Parallel Clock,
Scrambler/Serializer Select
VEE
PCK OUT
1k
VCC
1k
VCC
LOCK
DETECT
10k
VEE
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com