Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9002ACPM Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS9002ACPM
Description  GENLINX-TM GS9002A Serial Digital Encoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9002ACPM Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS9002ACPM Datasheet HTML 3Page - Gennum Corporation GS9002ACPM Datasheet HTML 4Page - Gennum Corporation GS9002ACPM Datasheet HTML 5Page - Gennum Corporation GS9002ACPM Datasheet HTML 6Page - Gennum Corporation GS9002ACPM Datasheet HTML 7Page - Gennum Corporation GS9002ACPM Datasheet HTML 8Page - Gennum Corporation GS9002ACPM Datasheet HTML 9Page - Gennum Corporation GS9002ACPM Datasheet HTML 10Page - Gennum Corporation GS9002ACPM Datasheet HTML 11Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 of 11
24149 - 1
VCC
VEE
DRS1
DRS0
VR1
Fig. 6 Pins No. 35, 36
Data Rate Select
VEE
RVCOX
VSELECT
VCC
800
VR2=2.15V
IVCO
Fig. 7 Pins No. 31 - 34
Frequency Setting Registors R
VCO0
-R
VCO3
Fig. 9 Waveforms
200
SDO
SDO
VCC
VEE
200
Fig. 8 Pins No. 38, 39, 42, 43
Serial Outputs (Data & Clock)
tSU
tHOLD
tCLKL = tCLKH
PARALLEL
CLOCK
PLCK
50%
PARALLEL
DATA
PDn
tD
SERIAL
DATA OUT
(SD0)
50%
SERIAL
CLOCK OUT
(SCK)
tD
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com