Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9002ACPM Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS9002ACPM
Description  GENLINX-TM GS9002A Serial Digital Encoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9002ACPM Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS9002ACPM Datasheet HTML 3Page - Gennum Corporation GS9002ACPM Datasheet HTML 4Page - Gennum Corporation GS9002ACPM Datasheet HTML 5Page - Gennum Corporation GS9002ACPM Datasheet HTML 6Page - Gennum Corporation GS9002ACPM Datasheet HTML 7Page - Gennum Corporation GS9002ACPM Datasheet HTML 8Page - Gennum Corporation GS9002ACPM Datasheet HTML 9Page - Gennum Corporation GS9002ACPM Datasheet HTML 10Page - Gennum Corporation GS9002ACPM Datasheet HTML 11Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 of 11
24149 - 1
38
39
43
42
19
22
NOTES: Resistors 1, 2, 3 and 4 are used to set the VCO centre frequency. For 143/177 Mb/s
≈ 6kΩ, 270 Mb/s ≈ 2.7kΩ, 360 Mb/s ≈ 1.8kΩ
All resistors in ohms, all capacitors in microfarads unless otherwise stated.
represent test points.
DATA
+10
20
26
6
2,5,21,28,40,41
+5V
18,23
25,27
30,37
44
17
36
35
29
0.1
*150
34
33
32
31
1,4
1
2
3
4
10k
DATA RATE
SELECT DIP
SWITCH
(SEE TRUTH TABLE,
FIG. 2)
5k
100
100
6x100n
82
2N4400
+5V
LOOP
LOCKED
L.E.D.
PARALLEL
CLOCK OUT
330
DATA 0
DATA 1
DATA 2
DATA 3
DATA 4
DATA 5
DATA 6
DATA 7
DATA 8
DATA 9
CLOCK
3.9k
0.1
0.1
GS9002A
PD0
PDI
PD2
PD3
PD4
PD5
PD6
PD7
PD8
PD9
PCK IN
DRS0
DRS1
CREG
RVCO1 RVCO2 RVCO3 RVCO4 VEE
LOCK
SSS
SYNC (6x VCC)
DET.
DIS.
SCK
PCK-OUT
LOOP FILT
10k
4x0.1
820
COMMON
+5V
10k
1k
8
9
10
11
12
13
14
15
16
100
DATA
CLOCK
CLOCK
100
SDO
SDO
SCK
7
+5V
1M
*10p
* This RC network is used to slow down fast PCLK risetimes ( ≤ 500ps). It is not required if risetimes exceed 500ps.
Fig. 11 GS9002A Test Circuit
Fig. 10 Timing Diagram
E
A
V
S
A
V
4ƒsc
DATA
STREAM
ACTIVE VIDEO
& H BLANKING
T
R
S
SYNC
DETECT
ACTIVE
VIDEO
T
R
S
T
R
S
ACTIVE VIDEO
& H BLANKING
4:2:2
DATA
STREAM
PCLK IN
PDN
SYNC
DETECT
E
A
V
S
A
V
H
BLNK
H
BLNK
SYNC
DETECT
XXX 3FF
000
000
XXX
•••
•••
XXX
3FF
000
000
XXX
•••



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com