Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9002ACPM Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS9002ACPM
Description  GENLINX-TM GS9002A Serial Digital Encoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9002ACPM Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS9002ACPM Datasheet HTML 3Page - Gennum Corporation GS9002ACPM Datasheet HTML 4Page - Gennum Corporation GS9002ACPM Datasheet HTML 5Page - Gennum Corporation GS9002ACPM Datasheet HTML 6Page - Gennum Corporation GS9002ACPM Datasheet HTML 7Page - Gennum Corporation GS9002ACPM Datasheet HTML 8Page - Gennum Corporation GS9002ACPM Datasheet HTML 9Page - Gennum Corporation GS9002ACPM Datasheet HTML 10Page - Gennum Corporation GS9002ACPM Datasheet HTML 11Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
24149 - 1
LOOP FILTER VOLTAGE (V)
Fig. 16 Output Jitter
TYPICAL PERFORMANCE CURVES
(VS = 5V, TA = 25° C unless otherwise shown)
Fig. 12 VCO Frequency
Fig. 13 VCO Frequency vs Loop Filter Voltage
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY SETTING RESISTANCE (ký)
V
LOOP
=2.6V
LOOP FILTER VOLTAGE (V)
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
OPTIMAL
LOOP FILTER
VOLTAGE
600
550
500
450
400
350
300
250
200
150
100
50
0
Fig. 14 Serial Output Level (Data & Clock)
0
10
20
30
40
50
60
70
V
S
= 5.25V
V
S
= 5.0V
0
10
20
30
40
50
60
70
AMBIENT TEMPERATURE (°C)
Fig. 15 Supply Current
V
S
= 4.75V
AMBIENT TEMPERATURE (°C)
V
S
= 4.75V
V
S
= 5.0V
V
S
= 5.25V
200
190
180
170
160
150
R
VCO
= 1.8k
R
VCO
= 2.7k
R
VCO
= 6.3k
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
143 Mb/s
270 Mb/s
800
700
600
500
400
300
200
100
600
550
500
450
400
350
300
250
200
150
100
50
1000
950
900
850
800
750
700



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com