Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250TL Datasheet(PDF) 111 Page - Microchip Technology

Part # MPFS250TL
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL Datasheet(HTML) 111 Page - Microchip Technology

Back Button MPFS250TL Datasheet HTML 107Page - Microchip Technology MPFS250TL Datasheet HTML 108Page - Microchip Technology MPFS250TL Datasheet HTML 109Page - Microchip Technology MPFS250TL Datasheet HTML 110Page - Microchip Technology MPFS250TL Datasheet HTML 111Page - Microchip Technology MPFS250TL Datasheet HTML 112Page - Microchip Technology MPFS250TL Datasheet HTML 113Page - Microchip Technology MPFS250TL Datasheet HTML 114Page - Microchip Technology MPFS250TL Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 128 page
background image
Condition
Unit
Max
Typ
Min
Parameter
°C
10
–10
Temperature sens-
ing accuracy
V
2.8
0.9
Voltage sensing
range
%
3.0
–3.0
Voltage sensing ac-
curacy
Table 139 • Tamper Macro Timing Characteristics—Flags and Clearing
Unit
Max
Typ
Symbol
Parameter
ns
35
28
TJTAG_ACTIVE
1
From event detection to
flag generation
μs
2.5
1.8
TMESH_ERR
1
ns
50
TCLK_GLITCH
1
μs
4
TCLK_FREQ
1
μs
1000
70
TLOW_VDD
1, 3
μs
1000
85
THIGH_VDD18
1, 3
μs
1000
130
THIGH_VDD25
1, 3
ns
5
TSECDEC
1
μs
18
14
TDRI_ERR
1
ns
5
TWDOG
1
ns
5
TLOCK_ERR
1
μs
5
4
TINST_BUF_ACCESS
1, 2
Time from system con-
troller instruction execu-
tion to flag generation
μs
4
3.3
TINST_DEBUG
1, 2
μs
3
1.8
TINST_CHK_DIGEST
1, 2
μs
2
1.8
TINST_EC_SETUP
1, 2
μs
5
3.8
TINST_FACT_PRIV
1, 2
μs
3.5
2.5
TINST_KEY_VAL
1, 2
μs
2
1.5
TINST_MISC
1, 2
μs
3
2.5
TINST_PASSCODE_MATCH
1, 2
μs
5
4.2
TINST_PASSCODE_SETUP
1, 2
μs
4.5
3.8
TINST_PROG
1, 2
107
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com