Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250TL Datasheet(PDF) 113 Page - Microchip Technology

Part # MPFS250TL
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL Datasheet(HTML) 113 Page - Microchip Technology

Back Button MPFS250TL Datasheet HTML 109Page - Microchip Technology MPFS250TL Datasheet HTML 110Page - Microchip Technology MPFS250TL Datasheet HTML 111Page - Microchip Technology MPFS250TL Datasheet HTML 112Page - Microchip Technology MPFS250TL Datasheet HTML 113Page - Microchip Technology MPFS250TL Datasheet HTML 114Page - Microchip Technology MPFS250TL Datasheet HTML 115Page - Microchip Technology MPFS250TL Datasheet HTML 116Page - Microchip Technology MPFS250TL Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 128 page
background image
Table 141 • System Controller Suspend Entry and Exit Characteristics
Unit
Max
Typ
Definition
Symbol
Parameter
ns
44
42
Suspend entry time
from TRST_N asser-
tion
Tsuspend_Tr
1, 2
Time from TRSTb
falling edge to SUS-
PEND_EN signal as-
sertion
ns
372
361
Suspend exit time
from TRST_N nega-
tion
Tsuspend_exit
Time from TRSTb
rising edge to ACTI-
VE signal assertion
1. ACTIVE indicates that the system controller is inactive or active regardless of the state of SUSPEND_EN.
2. ACTIVE signal must never be asserted with SUSPEND_EN is asserted.
6.9.6
Dynamic Reconfiguration Interface
The following table provides interface timing information for the DRI, which is an embedded APB slave
interface within the FPGA fabric that does not use FPGA resources.
Table 142 • Dynamic Reconfiguration Interface Timing Characteristics
Unit
Max
Symbol
Parameter
MHz
200
FPD _PCLK
PCLK frequency
6.9.7
User Voltage Detector Characteristics
The following table provides the electrical characteristics of the VDD (1.0 V), VDD18, and VDD25 voltage
detectors. For proper operation of the voltage detectors, Vdd must be set to 1.0 V.
Table 143 • User Voltage Detector Electrical Characteristics
Condition
Unit
Max
Typ
Min
Parameter
Temp= –40 ºC to 1
00 ºC; VDD18 = 1.8
V
1.07
1.04
VDD_HIGH_DET
V ±5%; VDD25= 2.5
V ±5%
Temp= –40 ºC to 1
00 ºC; VDD = 1.0 V
V
1.96
1.9
VDD18_HIGH_DET
±3%; VDD25= 2.5 V
±5%
Temp= –40 ºC to 1
00 ºC; VDD = 1.0 V
V
2.74
2.66
VDD25_HIGH_DET
±3%; VDD18= 1.8 V
±5%
Temp= –40 ºC to 1
00 ºC; VDD18 = 1.8
V
0.915
0.945
VDD_LOW_DET
±5%; VDD25= 2.5 V
±5%
Temp= –40 ºC to 1
00 ºC; VDD = 1.0 ±3
V
1.57
1.62
VDD18_LOW_DET
109
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com