Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250TL Datasheet(PDF) 116 Page - Microchip Technology

Part # MPFS250TL
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL Datasheet(HTML) 116 Page - Microchip Technology

Back Button MPFS250TL Datasheet HTML 112Page - Microchip Technology MPFS250TL Datasheet HTML 113Page - Microchip Technology MPFS250TL Datasheet HTML 114Page - Microchip Technology MPFS250TL Datasheet HTML 115Page - Microchip Technology MPFS250TL Datasheet HTML 116Page - Microchip Technology MPFS250TL Datasheet HTML 117Page - Microchip Technology MPFS250TL Datasheet HTML 118Page - Microchip Technology MPFS250TL Datasheet HTML 119Page - Microchip Technology MPFS250TL Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 128 page
background image
Table 145 • I/O-Related Supplies
I/O Power-Up Start Point (V)
Supply
0.85
VDDI
1.6
VDDAUX
There are no sequencing requirements for the power supplies. However, VDDI3 and must be valid at same
time as the main supplies. The other I/O supplies (VDDI, VDDAUX) have no effect on power-up of FPGA
fabric (that is, the fabric still powers up even if the I/O supplies of some I/O banks remain powered off).
6.10.4
User Design Dependence of Power-Up Times
Some phases of the device initialization are user design dependent, as the device automatically initializes
certain resources to user-specified configurations if those resources are used in the design. It is necessary
to compute the overall power-up to functional time by referencing the following tables and adding the
relevant phases, according to the design configuration. The following equation refers to timing parameters
specified in the above timing diagrams. Please note TPCIE , TXCVR, TLSRAM, and TUSRAM can be found in the
PolarFire SoC device power-up and resets user guide UG0725.
TPUFT = TFAB_READY(cold) + max((TPCIE + TXCVR + TLSRAM + TUSRAM), TCALIB)
TWRFT = TFAB_READY(warm) + max((TPCIE + TXCVR + TLSRAM + TUSRAM), TCALIB)
Note: TPCIE, TXCVR, TLSRAM, TUSRAM, and TCALIB are common to both cold and warm reset scenarios.
Auto-initialization of FPGA (if required) occurs in parallel with I/O calibration. The device may be considered
fully functional only when the later of these two activities has finished, which may be either one, depending
on the configuration, as may be calculated from the following tables. Note that I/O calibration may extend
beyond TPUFT (as I/O calibration process is independent of main device power-on and is instead dependent
on I/O bank supply relative power-on time and ramp times). The previous timing diagram for power-on
initialization shows the earliest that I/Os could be enabled, if the I/O power supplies are powered on before
or at the same time as the main supplies.
6.10.5
Cold Reset to Fabric and I/Os (Low Speed) Functional
The following table specifies the minimum, typical, and maximum times from the power supplies reaching
the above trip point levels until the FPGA fabric is operational and the FPGA IOs are functional for low-speed
(sub-400 MHz) operation.
Table 146 • Cold Boot
Unit
Max
Typ
Min
Power-On (Cold) Reset
to Fabric and I/O Oper-
ational
ms
7.84
4.38
0.92
Time when input pins
start working – TIN_ACTIV-
E(cold)
ms
7.84
4.38
0.92
Time when weak pull-
ups are enabled – TPU_
PD_ACTIVE(cold)
ms
7.87
4.41
0.95
Time when fabric is op-
erational – TFAB_READY-
(cold)
112
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com